Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87306 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 22Page - National Semiconductor (TI) PC87306 Datasheet HTML 23Page - National Semiconductor (TI) PC87306 Datasheet HTML 24Page - National Semiconductor (TI) PC87306 Datasheet HTML 25Page - National Semiconductor (TI) PC87306 Datasheet HTML 26Page - National Semiconductor (TI) PC87306 Datasheet HTML 27Page - National Semiconductor (TI) PC87306 Datasheet HTML 28Page - National Semiconductor (TI) PC87306 Datasheet HTML 29Page - National Semiconductor (TI) PC87306 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
20 Configuration Registers (Continued)
A15
A10
A9
A2
A1
A0
0
LPTBA
0
When bit 6 of PNP0 is 0 this register is read only and is
forced to EFh This register may be modified only when the
parallel port is disabled Bit 0 (holding A2) must be 0 when
EPP is enabled and bit 6 of PNP0 is 1
Undefined results occur if a parallel port register is located
at the same address as an enabled SIO register due to
LPTBA configuration
Note
To modify LPTA base address first disable the parallel port then set
bit 6 of PNP0 to 1 then update LPTBA and then enable the parallel
port
2522 Plug and Play Configuration 0 Register (PNP0
Index e 1Bh)
Upon reset the implemented bits are initialized to 0
Bits 0 – 3
Reserved
Bit 4
Parallel Ports’ interrupt selection control
0 Parallel Port’s interrupt ie IRQ5 or IRQ7 is
selected via bits 0 and 1 of FAR register and
bit 3 of PTR register ie the selection is de-
pendent on the base IO address selection
This is the backward-compatible mode with
previous SIOs
1 Parallel Port’s interrupt ie IRQ5 or IRQ7 is
selected via bit 5 of PNP0 register
The selection is independent of the base IO
address
Bit 5
Parallel Port interrupt mapping
The parallel
port’s interrupt is routed to the following ISA in-
terrupt
0 IRQ5
1 IRQ7
When bit 4 of PNP0 register is ‘‘0’’ this bit is ig-
nored ie it does not determine Parallel Port in-
terrupt mapping
Bit 6
Parallel Port’s LPTA base address selection con-
trol
This bit enables software configuration of LPTA
base address via LPTBA configuration register
LPTA base address is selected when FARbit1 e
0 and FARbit0 e 1
There is no change in selection of LPTB and
LPTC via bits 0 – 1 of FAR
This bit is initialized to 0 during reset
0 LPTA is always 3BCh
This is the backward compatible mode with
previous SIOs
1 LPTA base address is selected via LPTBA
configuration register
Bit 7
Reserved
2523 Plug and Play Configuration 1 Register (PNP1
Index e 1Ch)
Upon reset the implemented bits are initialized to 0
Bit 0
UART1’s and UART2’s interrupt selection con-
trol
0 UART1’s interrupt ie
IRQ3 or IRQ4 is se-
lected via bits 2 and 3 of FAR register
UART2’s interrupt ie
IRQ3 or IRQ4 is se-
lected via bits 4 and 5 of FAR register
The selection is dependent on the base IO
address selection
This is the backward-compatible mode with
previous SIOs
1 UART1’s interrupt ie
IRQ3 or IRQ4 is se-
lected via bit 2 of PNP1 register
UART2’s interrupt ie
IRQ3 or IRQ4 is se-
lected via bit 6 of PNP1 register
The selection is independent of the base IO
address
Bit 1
Reserved
Bit 2
UART1 interrupt mapping UART1’s interrupt is
routed to the following ISA interrupt
0 IRQ3
1 IRQ4
When bit 0 of PNP1 register is 0 this bit is ig-
nored ie it does not determine UART1 interrupt
mapping
Bits 3 – 5
Reserved
Bit 6
UART2 interrupt mapping UART2’s interrupt is
routed to the following ISA interrupt
0 IRQ3
1 IRQ4
When bit 0 of PNP1 register is ‘‘0’’ this bit is ig-
nored ie it does not determine UART2 interrupt
mapping
Bit 7
Reserved
It is the software’s responsibility to route UART1’s and
UART2’s interrupts onto the ISA interrupts correctly
26 POWER-DOWN OPTIONS
There are two methods for entering the power-down mode
Both methods result in one of the two possible modes This
section associates the methods of entering power-down
with the resulting mode
Mode 1
The internal clock stops for a specific function (ie
UART1 andor UART2 andor FDC)
This mode is entered by any of the following actions
1 Clear the FER bit for the specific function that is powered
down See Section 251 FER bits 1 – 3
2 During reset set certain CFG 0 – 4 pins See Table 2-1
3 Execute the FDC Mode Command with PTR bit 1 e 0
(XTALCLK) See Section 426 LOW PWR
4 Set Data Rate Select Register bit 6 in the FDC high
with PTR bit 1 e 0 See Section 36 bit 6
Mode 2
The internal clocks are stopped for all enabled
functions
Note
Clocks to disabled functions are always inactive
This mode is entered by any of the following actions
1 Clear all FER bits for any enabled function See Section
251 FER bits 1 – 3
2 Clear PTR bits 1 (XTALCLK) and 2 (CSOUTPWDN se-
lect) Then assert the PWDN signal low See Section
253 PTR bits 12 and Section 10 PWDN pin
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com