Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87306 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87306
Description  PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87306 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87306 Datasheet HTML 34Page - National Semiconductor (TI) PC87306 Datasheet HTML 35Page - National Semiconductor (TI) PC87306 Datasheet HTML 36Page - National Semiconductor (TI) PC87306 Datasheet HTML 37Page - National Semiconductor (TI) PC87306 Datasheet HTML 38Page - National Semiconductor (TI) PC87306 Datasheet HTML 39Page - National Semiconductor (TI) PC87306 Datasheet HTML 40Page - National Semiconductor (TI) PC87306 Datasheet HTML 41Page - National Semiconductor (TI) PC87306 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
40 FDC Command Set Description (Continued)
Command Phase
00
0
0
0
0
0
1
TMR
IAF
IPS
0
LOW PWR
1
ETR
FWR
FRD
BST
R255
0
0
0
0
DENSEL
BFR
WLD
Head Settle
00
0
0
0
RG
0
PU
Execution Phase
Internal registers are written
Result Phase
None
TMR
Motor Timer mode Default after a software reset
0 e Timers for motor on and motor off are defined
for Mode 1 (See Specify command)
1 e
Timers for motor on and motor off are defined
for Mode 2 (See Specify command)
IAF
Index Address Format Default after a software reset
0 e The controller formats tracks with the Index Ad-
dress Field included (IBM and Perpendicular for-
mat)
1 e
The controller formats tracks without including
the Index Address Field (ISO format)
IPS
Implied Seek Default after a software reset
0 e The implied seek bit in the command byte of a
read write scan or verify is ignored Implied
seeks could still be enabled by the EIS bit in the
Configure command
1 e
The IPS bit in the command byte of a read write
scan or verify is enabled so that if it is set the
controller performs seek and sense interrupt op-
erations before executing the command
LOW
PWR
Low Power mode Default after a software reset
00 e Completely disable the low power mode
01 e
Automatic low power For 500 kbps operation
go into low power mode 512 ms after the head
unload timer times out For 250 kbps operation
the timeout period is doubled to 1s
10 e
Manual low power Go into low power mode
now
11 e
Not used
ETR
Extended Track Range Default after a software re-
set
0 e Track number is stored as a standard 8-bit value
compatible with the IBM ISO and Perpendicular
formats This allows access of up to 256 tracks
during a seek operation
1 e
Track number is stored as a 12-bit value The
upper four bits of the track value are stored in
the upper four bits of the head number in the
sector Address Field This allows access of up to
4096 tracks during a seek operation With this bit
set an extra byte is required in the Seek Com-
mand Phase and Sense Interrupt Result Phase
FWR
FIFO Write Disable for mP write transfers to control-
ler Default after a software reset if LOCK is 0 If
LOCK is 1 FWR retains its value after a software
reset
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Enable FIFO mP write transfers druing the Exe-
cution Phase use the internal FIFO
1 e
Disable FIFO All write data transfers take place
without the FIFO
FRD
FIFO Read Disable for mP read transfers from con-
troller Default after a software reset if LOCK is 0 If
LOCK is 1 FRD retains its value after a software re-
set
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Enable FIFO mP read transfers during the Exe-
cution Phase use the internal FIFO
1 e
Disable FIFO All read data transfers take place
without the FIFO
BST
Burst Mode Disable Default after a software reset if
LOCK is 0 If LOCK is 1 BST retains its value after a
software reset
Note
This bit is only valid if the FIFO is enabled in the Configure
command If the FIFO is not enabled in the Configure com-
mand then this bit is a don’t care
0 e Burst mode enabled for FIFO Execution Phase
data transfers
1 e
Non-Burst mode enabled The DRQ or IRQ6 pin
is strobed once for each byte to be transferred
while the FIFO is enabled
R255
Recalibrate Step Pulses The bit determines the
maximum number of recalibrate step pulses the con-
troller issues before terminating with an error De-
fault after a software reset
0 e Maximum of 85 recalibrate step pulses If ETR
e
1 controller issues 3925 recalibrate step
pulses maximum
1 e
Maximum of 255 recalibrate step pulses If ETR
e
1 controller issues 4095 maximum recali-
brate step pulses
DENSEL
Density Select Pin Configuration This 2-bit value
configures the Density Select output to one of
three possible modes The default mode config-
ures the DENSEL pin according to the state of bit
6 of ASC after a data rate has been selected
That is if ASC6 is high the DENSEL pin is active
high for the 500 kbps and 1 Mbps data rates If
ASC6 is low the DENSEL pin is active low for the
500 kbps and 1 Mbps data rates See Table 4-3
In addition to these modes the DENSEL output
can be set to always low or always high as
shown in Table 4-4 This allows the user more
flexibility with new drive types
TABLE 4-3 DENSEL Default Encoding
Data Rate
DENSEL Pin Definition
ASC6 e 1
ASC6 e 0
250 kbps
Low
High
300 kbps
Low
High
500 kbps
High
Low
1 Mbps
High
Low
When TUP bit 1 e 0 a Data Rate of 1 Mbps is selected
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com