Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 82Page - National Semiconductor (TI) PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 221 page
background image
86
www.national.com
PC-AT Mode
In PC-AT interface mode when the FIFO is disabled,
the controller is in single byte transfer mode. That is,
the system has the time it takes to transfer one byte,
to service a DMA request (DRQ) from the controller.
DRQ is deactivated between bytes.
PS/2 Mode
In PS/2 mode, for DMA transfers with the FIFO dis-
abled, instead of single byte transfer mode, the FIFO
is enabled with THRESH = 0Fh. Thus, DRQ is assert-
ed when one byte enters the FIFO during a read, and
when one byte can be written to the FIFO during a
write. DRQ is deactivated by the leading edge of the
DACK input signal, and is asserted again when DACK
becomes inactive high. This operation is very similar
to burst mode transfer with the FIFO enabled except
that DRQ is deactivated between bytes.
DMA Mode - FIFO Enabled
Read Data Transfers
Whenever the number of bytes in the FIFO is greater
than or equal to (16
− THRESH), a DRQ is generated.
This is the trigger condition for the FIFO read data
transfers from the floppy controller to the micropro-
cessor.
When the last byte in the FIFO has been read, DRQ
becomes inactive. DRQ is asserted again when the
FIFO trigger condition is satisfied. After the last byte
of a sector is read from the disk, DRQ is again gener-
ated even if the FIFO has not yet reached its thresh-
old trigger condition. This guarantees that all current
sector bytes are read from the FIFO before the next
sector byte transfer begins.
Burst Mode Enabled - DRQ remains active until
enough bytes have been read from the controller
to empty the FIFO.
Burst Mode Disabled - DRQ is deactivated after
each read transfer. If the FIFO is not completely
empty, DRQ is asserted again after a 350 nsec de-
lay. This allows other higher priority DMA transfers
to take place between floppy disk transfers.
In addition, this mode allows the controller to work
correctly in systems where the DMA controller is
put into a read verify mode, where only DACK sig-
nals are sent to the FDC, with no RD pulses. This
read verify mode of the DMA controller is used in
some PC software. When burst mode is disabled,
a pulse from the DACK input signal may be issued
by the DMA controller, to correctly clocks data
from the FIFO.
Write Data Transfers
Whenever the number of bytes in the FIFO is less
than or equal to THRESH, a DRQ is generated. This
is the trigger condition for the FIFO write data trans-
fers from the microprocessor to the FDC.
Burst Mode Enabled - DRQ remains active until
enough bytes have been written to the controller to
completely fill the FIFO.
Burst Mode Disabled - DRQ is deactivated after
each write transfer. If the FIFO is not full, DRQ is
asserted again after a 350 nsec delay. Deactiva-
tion of DRQ allows other higher priority DMA trans-
fers to take place between floppy disk transfers.
The FIFO has a byte counter which monitors the num-
ber of bytes being transferred to the FIFO during write
operations whether burst mode is enabled or dis-
abled. When the last byte of a sector is transferred to
the FIFO, DRQ is deactivated even if the FIFO has
not been completely filled. Thus, the FIFO is cleared
after each sector is written. Only after the FDC has
determined that another sector is to be written, is
DRQ asserted again. Also, since DRQ is deactivated
immediately after the last byte of a sector is written to
the FIFO, the system will not be delayed by deactiva-
tion of DRQ and is free to do other operations.
Read and Write Data Transfers
The DACK input signal from the DMA controller may
be held active during an entire burst, or a pulse may
be issued for each byte transferred during a read or
write operation. In burst mode, the FDC deactivates
DRQ as soon as it recognizes that the last byte of a
burst was transferred.
If a DACK pulse is issued for each byte, the leading
edge of this pulse is used to deactivate DRQ. If a
DACK pulse is issued, RD or WR is not required. This
is the case during the read-verify mode of the DMA
controller.
If DACK is held active during the entire burst, the trail-
ing edge of the RD or WR pulse is used to deactivate
DRQ. DRQ is deactivated within 50 nsec of the lead-
ing edge of DACK, RD, or WR. This quick response
should prevent the DMA controller from transferring
extra bytes in most applications.
Overrun Errors
An overrun or underrun error terminates the execution
of a command, if the system does not transfer data
within the allotted data transfer time. (See Section
3.3.8 on page 83
), This puts the controller in the result
phase.
During a read overrun, the microprocessor is required
to read the remaining bytes of the sector before the
controller asserts IRQ6, signifying the end of execu-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com