Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 221 page
background image
90
www.national.com
Bit 5 of the result phase Status register 2
(ST2) indicates when and where the error oc-
curred. See Section 3.5.3.
Bit 6 - Not Used
This bit is not used and is always 0.
Bit 7 - End of Track
This bit is set to 1 when the FDC transfers the last
byte of the last sector without the TC signal be-
coming active. The last sector is the End of Track
sector number programmed in the command
phase.
0 - The FDC did not transfer the last byte of the
last sector without the TC signal becoming ac-
tive.
1 - The FDC transferred the last byte of the last
sector without the TC signal becoming active.
3.5.3
Result Phase Status Register 2
(ST2)
FIGURE 56. ST2 Result Phase Register Bitmap
Bit 0 - Missing Address Mark Location
If the FDC cannot find the address mark of a data
field or of an address field during a read, scan, or
verify command, i.e., bit 0 of ST1 is 1, this bit indi-
cates when and where the failure occurred.
0 - The FDC failed to detect an address mark for
the address field after two disk revolutions.
1 - The FDC failed to detect an address mark for
the data field after it found the correct address
field.
Bit 1 - Bad Track
This bit indicates whether or not the FDC detected
a bad track
0 - No bad track detected.
1 - Bad track detected.
The desired sector is not found. If the track
number recorded on any sector on the track is
FFh and this number is different from the track
address specified in the command phase,
then there is a hard error in IBM format.
Bit 2 - Scan Not Satisfied
This bit indicates whether or not the value of the
data byte from the microprocessor meets any of
the conditions specified by the scan command
used.
“The SCAN EQUAL, the SCAN LOW OR EQUAL
and the SCAN HIGH OR EQUAL Commands” on
page 112 and Table 55 describes the conditions.
0 - The data byte from the microprocessor meets
at least one of the conditions specified.
1 - The data byte from the microprocessor does
not meet any of the conditions specified.
Bit 3 - Scan Satisfied
This bit indicates whether or not the value of the
data byte from the microprocessor was equal to a
byte on the floppy disk during any scan command.
0 - No equal byte was found.
1 - A byte whose value whose values is equal to
the byte from the microprocessor was found
on the floppy disk.
Bit 4 - Wrong Track
This bit indicates whether or not there was a prob-
lem finding the sector because of the track num-
ber.
0 - Sector found.
1 - Desired sector not found.
The desired sector is not found. The track
number recorded on any sector on the track is
different from the track address specified in
the command phase.
Bit 5 - CRC Error in Data Field
When the FDC detected a CRC error in the correct
sector (bit 5 of the result phase Status register 1
(ST1) is 1), this bit indicates whether it occurred in
the address field or in the data field.
0 - The CRC error occurred in the address field.
1 - The CRC error occurred in the data field.
Bit 6 - Control Mark
When the controller tried to read a sector, this bit
indicates whether or not it detected a deleted data
address mark during execution of a READ DATA
or scan commands, or a regular address mark dur-
ing execution of a READ DELETED DATA com-
mand.
0 - No control mark detected.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 2 (ST2)
Scan Not Satisfied
CRC Error in Data Field
Not Used
Scan Equal Hit
Wrong Track
Missing Address
Control Mark
Bad Track
Mark Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com