Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 221 page
background image
89
www.national.com
Bit 4 - Equipment Check
After a RECALIBRATE command, this bit indi-
cates whether the head of the selected drive was
at track 0, i.e., whether or not TRK0 was active.
This information is used during the SENSE IN-
TERRUPT command.
0 - Head was at track 0, i.e., a TRK0 pulse oc-
curred after a RECALIBRATE command.
1 - Head was not at track 0, i.e., no TRK0 pulse
occurred after a RECALIBRATE command.
Bit 5 - SEEK End
This bit indicates whether or not a SEEK, RELA-
TIVE SEEK, or RECALIBRATE command was
completed by the controller. Used during a SENSE
INTERRUPT command.
0 - SEEK, RELATIVE SEEK, or RECALIBRATE
command not completed by the controller.
1 - SEEK, RELATIVE SEEK, or RECALIBRATE
command was completed by the controller.
Bits 7,6 - Interrupt Code (IC)
These bits indicate the reason for an interrupt.
00 - Normal termination of command.
01 - Abnormal termination of command. Execu-
tion of command was started, but was not
successfully completed.
10 - Invalid command issued. Command issued
was not recognized as a valid command.
11 - Internal drive ready status changed state
during the drive polling mode. This only oc-
curs after a hardware or software reset.
3.5.2
Result Phase Status Register 1
(ST1)
FIGURE 55. ST1 Result Phase Register Bitmap
Bit 0 - Missing Address Mark
This bit indicates whether or not the Floppy Disk
Controller (FDC) failed to find an address mark in
a data field during a read, scan, or verify com-
mand.
0 - No missing address mark.
1 - Address mark missing.
Bit 0 of the result phase Status register 2
(ST2) indicates the when and where the fail-
ure occurred. See Section 3.5.3 on page 90.
Bit 1 - Drive Write Protected
When a write or format command is issued, this bit
indicates whether or not the selected drive is write
protected, i.e., the WP signal is active.
0 - Selected drive is not write protected, i.e., WP
is not active.
1 - Selected drive is write protected, i.e., WP is
active.
Bit 2 - Missing Data
This bit indicates whether or not data is missing for
one of the following reasons:
— Controller cannot find the sector specified in
the command phase during the execution of a
read, write, scan, or VERIFY command. An Ad-
dress Mark (AM) was found however, so it is not
a blank disk.
— Controller cannot read any address fields with-
out a CRC error during a READ ID command.
— Controller cannot find starting sector during ex-
ecution of READ A TRACK command.
0 - Data is not missing for one of these reasons.
1 - Data is missing for one of these reasons.
Bit 3 - Not Used
This bit is not used and is always 0.
Bit 4 - Overrun or Underrun
This bit indicates whether or not the FDC was ser-
viced by the microprocessor soon enough during
a data transfer in the execution phase. For read
operations, this bit indicates a data overrun. For
write operations, it indicates a data underrun.
0 - FDC was serviced in time.
1 - FDC was not serviced fast enough. Overrun
or underrun occurred.
Bit 5 - CRC Error
This bit indicates whether or not the FDC detected
a Cyclic Redundancy Check (CRC) error.
0 - No CRC error detected.
1 - CRC error detected.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 1 (ST1)
Missing Data
CRC Error
End of Track
Not Used
Overrun or Underrun
Missing Address Mark
Not Used
Drive Write Protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com