Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) PC87338 Datasheet HTML 95Page - National Semiconductor (TI) PC87338 Datasheet HTML 96Page - National Semiconductor (TI) PC87338 Datasheet HTML 97Page - National Semiconductor (TI) PC87338 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 221 page
background image
94
www.national.com
3.6.2
The CONFIGURE Command
The CONFIGURE command controls some operation
modes of the controller. It should be issued during the
initialization of the FDC after power up.
The bits in the CONFIGURE registers are set to their
default values after a hardware reset.
Command Phase
Third Command Phase Byte
Bits 3-0 - The FIFO Threshold (THRESH)
These bits specify the threshold of the FIFO during
the execution phase of read and write data trans-
fers.
This value is programmable from 00 to 0F hex. A
software reset sets this value to 00 if the LOCK bit
(bit 7 of the opcode of the LOCK command) is 0. If
the LOCK bit is 1, THRESH retains its value.
Use a high value of THRESH for systems that re-
spond slowly and a low value for fast systems.
Bit 4 - Disable Drive Polling (POLL)
This bit enables and disabled drive polling. A soft-
ware reset clears this bit to 0.
When drive polling is enabled, an interrupt is gen-
erated after a reset.
When drive polling is disabled, if the CONFIGURE
command is issued within 500 msec of a hardware
or software reset, then an interrupt is not generat-
ed. In addition, the four SENSE INTERRUPT com-
mands to clear the Ready Changed State of the
four logical drives is not required.
0 - Enable drive polling. (Default)
1 - Disable drive polling.
Bit 5 - Enable FIFO (FIFO)
This bit enables and disables the FIFO for execu-
tion phase data transfers.
If the LOCK bit (bit 7 of the opcode of the LOCK
command) is 0, a software reset disables the
FIFO, i.e., sets this bit to 1.
If the LOCK bit is 1, this bit retains its previous val-
ue after a software reset.
0 - FIFO enabled for read and write operations.
1 - FIFO disabled. (Default)
Bit 6 - Enable Implied Seeks (EIS)
This bit enables or disables implied seek opera-
tions. A software reset disables implied seeks, i.e.,
clears this bit to 0.
Bit 5 of the MODE command (Implied Seek (IPS)
can override the setting of this bit and enable im-
plied seeks even if they are disabled by this bit.
When implied seeks are enabled, a seek or sense
interrupt operation is performed before execution
of the read, write, scan, or verify operation.
0 - Implied seeks disabled. The MODE command
can still enable implied seek operations. (De-
fault)
1 - Implied seeks enabled for read, write, scan
and VERIFY operations, regardless of the val-
ue of the IPS bit in the MODE command.
Fourth Command Phase Byte, Bits 7-0,
Precompensation Track Number (PRETRK)
This byte identifies the starting track number for
write precompensation. The value of this byte is
programmable from track 0 (00 hex) to track 255
(FF hex).
If the LOCK bit (bit 7 of the opcode of the LOCK
command) is 0, after a software reset this byte in-
dicates track 0 (00 hex).
If the LOCK bit is 1, PRETRK retains its previous
value after a software reset.
Execution Phase
Internal registers are written.
Result Phase
None.
7
6
5
4
3
210
0
0
0
1
0
011
0
0
0
0
0
000
0 EIS
FIFO
POLL
Threshold (THRESH)
Precompensation Track Number (PRETRK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com