Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) PC87338 Datasheet HTML 95Page - National Semiconductor (TI) PC87338 Datasheet HTML 96Page - National Semiconductor (TI) PC87338 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 221 page
background image
93
www.national.com
GDC Group Drive Configuration for all drives. Con-
figures all logical drives as conventional or
perpendicular. Used in the PERPENDICULAR
MODE command. Formerly, GAP2 and WG.
HD
Head Select control bit used in most com-
mands. Selects Head 0 or 1 of the disk.
IAF
Index Address Field control bit set in the
MODE command. Enables the ISO Format
during the FORMAT command.
IPS
Implied Seek enable bit set in the MODE,
read, write, and scan commands.
LOCK Lock enable bit in the LOCK command. Used
to prevent certain parameters from being af-
fected by a software reset.
LOW PWR
Low Power control bits set in the MODE com-
mand.
MFM Modified Frequency Modulation parameter
used in FORMAT TRACK, read, VERIFY and
write commands.
MFT Motor Off Time. Now called Delay After Pro-
cessing time. This delay is set by the SPECI-
FY command.
MNT Motor On Time. Now called Delay Before Pro-
cessing time. This delay is set by the SPECI-
FY command.
MSB Most Significant Byte controls which whether
the most or least significant byte is read or
written in the SET TRACK command.
MT
Multi-Track enable bit used in read, write,
scan and VERIFY commands.
OW
Overwrite control bit set in the PERPENDICU-
LAR MODE command.
POLL Enable Drive Polling bit set in the CONFIG-
URE command.
PRETRK
Precompensation Track Number set in the
CONFIGURE command
PTR Present Track number. Contains the internal
8-bit track number or the least significant byte
of the 12-bit track number of one of the four
logical disk drives. PTR is set in the SET
TRACK command.
R255 Recalibration control bit set in MODE com-
mand. Sets maximum number of STEP pulses
during RECALIBRATE command to 255.
RTN Relative Track Number used in the RELATIVE
SEEK command.
SC
Sector Count control bit used in the VERIFY
command.
SK
Skip control bit set in read and scan and VER-
IFY operations.
SRT
Step Rate Time set in the SPECIFY com-
mand. Determines the time between STEP
pulses for SEEK and RECALIBRATE opera-
tions.
ST0-3
Result phase Status registers 3-0 that contain
status information about the execution of a
command. See Sections 3.5.1 through 3.5.4.
THRESH
FIFO threshold parameter set in the CONFIG-
URE command
TMR Timer control bit set in the MODE command.
Affects the timers set in the SPECIFY com-
mand.
WG
Formerly, the Write Gate control bit. Now in-
cluded in the Group Drive mode Configuration
(GDC) bits in the PERPENDICULAR MODE
command.
WLD Wildcard bit in the MODE command used to
enable or disable the wildcard byte (FF) dur-
ing scan commands.
WNR Write Number controls whether to read an ex-
isting track number or to write a new one in
the SET TRACK command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com