Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 113Page - National Semiconductor (TI) PC87338 Datasheet HTML 114Page - National Semiconductor (TI) PC87338 Datasheet HTML 115Page - National Semiconductor (TI) PC87338 Datasheet HTML 116Page - National Semiconductor (TI) PC87338 Datasheet HTML 117Page - National Semiconductor (TI) PC87338 Datasheet HTML 118Page - National Semiconductor (TI) PC87338 Datasheet HTML 119Page - National Semiconductor (TI) PC87338 Datasheet HTML 120Page - National Semiconductor (TI) PC87338 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 221 page
background image
117
www.national.com
TABLE 58. Constant Multipliers for Delay After Processing Factor and Delay Ranges
TABLE 59. Constant Multipliers for Delay Before Processing Factor and Delay Ranges
Data Transfer
Rate (bps)
Bit 7 of MODE (TMR) = 0
Bit 7 of MODE (TMR) = 1
Constant Multiplier Permitted Range (msec) Constant Multiplier Permitted Range (msec)
1 M
8
8 -128
512
512 - 8192
500 K
16
16 - 256
512
512 - 8192
300 K
80 / 3
26.7 - 427
2560 / 3
853 - 13653
250 K
32
32 - 512
1024
1024 -16384
Data Transfer
Rate (bps)
Bit 7 of MODE (TMR) = 0
Bit 7 of MODE (TMR) = 1
Constant Multiplier Permitted Range (msec) Constant Multiplier
Permitted Range
(msec)
1 M
1
1 -128
32
32 - 4096
500 K
1
1 -128
32
32 - 4096
300 K
10 / 3
3.3 - 427
160 / 3
53 - 6827
250 K
4
4 - 512
64
64 - 8192
Bits 7-4 - STEP Time Interval Value (SRT)
These bits specify a value that is used to calculate
the time interval between successive STEP signal
pulses during a SEEK, IMPLIED SEEK, RECALI-
BRATE, or RELATIVE SEEK command.
Table 60 shows how this value is used to calculate
the actual time interval.
TABLE 60. STEP Time Interval Calculation
Third Command Phase Byte
Bit 0 - DMA
This bit selects the data transfer mode in the exe-
cution phase of a read, write, or scan operation.
Data can be transferred between the microproces-
sor and the controller during execution in DMA
mode or in non-DMA mode, i.e., interrupt transfer
mode or software polling mode.
See “Execution Phase” on page 85 for a descrip-
tion of these modes.
0 - DMA mode is selected.
1 - Non-DMA mode is selected.
Bits 3-0 - Delay Before Processing Factor
These bits specify a factor that is multiplied by a
constant to determine the delay before command
processing starts, i.e., from selection of a drive
motor until a read or write operation starts.
The value of the Motor Timer Values (TMR) bit (bit
7) of the second command phase byte in the
MODE command determines which group of con-
stants and delay ranges to use. See “Bit 7 - Motor
Timer Values (TMR)” on page 101.
The specific constant that will be multiplied by this
factor to determine the actual delay before pro-
cessing for each data transfer rate is shown in Ta-
ble 59.
Use the smallest possible value for this factor, ex-
cept 0, i.e., 1. If this factor is 0, the value128 is
used.
Execution Phase
Internal registers are written.
Result Phase
None.
Data Transfer
Rate (bps)
Calculation of
Time Interval
Permitted
Range (msec)
1 M
(16
− SRT) / 2
0.5 - 8
500 K
(16
− SRT)
1 - 16
300 K
(16
− SRT) x 1.67
1.67 - 26.7
250 K
(16
− SRT) x 2
2 - 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com