Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87338 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 213Page - National Semiconductor (TI) PC87338 Datasheet HTML 214Page - National Semiconductor (TI) PC87338 Datasheet HTML 215Page - National Semiconductor (TI) PC87338 Datasheet HTML 216Page - National Semiconductor (TI) PC87338 Datasheet HTML 217Page - National Semiconductor (TI) PC87338 Datasheet HTML 218Page - National Semiconductor (TI) PC87338 Datasheet HTML 219Page - National Semiconductor (TI) PC87338 Datasheet HTML 220Page - National Semiconductor (TI) PC87338 Datasheet HTML 221Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 217 / 221 page
background image
217
www.national.com
11-bit address mode
In this mode, the Chip decodes address lines
A0-A10, A11-A15 are masked to 1, and
UART2 is a fully featured 16550 UART. The
mode is configured during reset, via the CFG0
strap pin.
16-bit address mode
In this mode, the Chip decodes address lines
A0-A15 and SCC2 is a 16550 UART with
SIN2/SOUT2 interface signals only. The mode
is configured during reset, via the CFG0 strap
pin.
AFIFO
Address FIFO for the parallel port in Extended
Capabilities Port mode.
ASC
The register that configures the Advanced Su-
per I/O chip, i.e., the PC87338/VLJ or the
PC87338VJG.
ASK-IR
Amplitude Shift Keying Infrared.
BGD(H) and BGD(L)
Baud Generator Divisor Ports (High and Low
bytes) for the SCCs.
BSR
Bank Selection Register for the SCCs.
CCR
Configuration Control Register of the Floppy
Disk Controller (FDC).
CFIFO
Parallel port data FIFO in Extended Capabili-
ties Port (ECP) mode.
CNFGA and CNFGB
Configuration registers A and B for the parallel
port in Extended Capabilities Port mode.
CEIR Mode
This IR mode supports all four protocols cur-
rently used in remote-controlled home enter-
tainment equipment. Also called TV-Remote
mode.
CS0HA
The Chip Select 0 High Address register.
CS0LA
The Chip Select 0 Low Address register.
CS1CF
The Chip Select 1 Configuration register.
CS1HA
The Chip Select 1 High Address register.
CS1LA
The Chip Select 1 Low Address register.
CTR
Control Register of the parallel port.
DASK-IR
Digital Amplitude Shift Keying Infrared.
Data
The Data register contains the data in the reg-
ister indicated by the corresponding Index reg-
ister.
DATAR
Data Register for the parallel port in Extended
Capability Port mode.
DCR
Data Control Register for the parallel port in
Extended Capabilities Port mode.
Device
Any circuit that performs a specific function,
such as a parallel port.
DIR
Digital Input Register of the Floppy Disk Con-
troller (FDC).
DOR
Digital Output Register of the Floppy Disk
Controller (FDC).
DSR
Data rate Select Register of the Floppy Disk
Controller (FDC) and the data Status Register
in Extended Capabilities Port mode.
DTR
Data Register of the parallel port.
EAR
Extended Auxiliary Register of the parallel
port in Extended Capabilities Port (ECP)
modes.
ECP
Extended Capabilities Port.
ECR
Extended Control Register for the parallel port
in Extended Capabilities Port mode.
EDR
Extended Data Register for the parallel port in
extended Capabilities Port (ECP) modes.
EIR
Two expressions:
Extended Index Register of the parallel port
Extended Capabilities Port (ECP) modes.
Event Identification Register for SCC1 and
SCC2 for read cycles.
EPP
Enhanced Parallel Port.
Glossary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com