Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 21Page - National Semiconductor (TI) PC87360 Datasheet HTML 22Page - National Semiconductor (TI) PC87360 Datasheet HTML 23Page - National Semiconductor (TI) PC87360 Datasheet HTML 24Page - National Semiconductor (TI) PC87360 Datasheet HTML 25Page - National Semiconductor (TI) PC87360 Datasheet HTML 26Page - National Semiconductor (TI) PC87360 Datasheet HTML 27Page - National Semiconductor (TI) PC87360 Datasheet HTML 28Page - National Semiconductor (TI) PC87360 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
1.0 Signal/Pin Connection and Description (Continued)
25
www.national.com
1.4.13
Strap Configuration
1.4.14
System Wake-Up Control
1.4.15
WATCHDOG Timer (WDT)
Signal
Pin/s
I/O Buffer Type Power Well
Description
BADDR
101
I
INSTRP
VDD
Base Address. Sampled by the trailing edge of the system reset
to determine the base address of the configuration Index-Data
register pair. During reset, it is pulled down by internal 30Kohm
resistor.
If no pull-up resistor is connected, it is sampled low, setting the
Index-Data pair at 2Eh-2Fh.
Connecting a 10K external pull-up resistor to VDD would make it
sample high, setting the Index-Data pair at 4Eh-4Fh.
TEST
98
I
INSTRP
VDD
Test. If sampled high on the trailing edge of system reset, this
signal forces the device into test mode. This pin is for National
Semiconductor use only, and should be left unconnected.
Signal
Pin/s
I/O Buffer Type Power Well
Description
LED1
LED2
25
26
O
O12/12
VSB
LED. VSB-powered pins with programmable outputs, each of
which can be used to produce a 0, 0.25, 0.5, 1, 4 Hz waveform for
LED control.
GPIE6-7
58-59
I
INTS
VSB
General-Purpose Input Event
GPIOE0-5
23-28
I/O
INTS/
OD6,O3/6
VSB
General-Purpose I/O Event. VSB-powered pins.
PWUREQ
32
O
OD6
VSB
Power-Up Request. Active (low) level indicates that wake-up
event has occurred, and causes the chipset to turn the power
supply on, or to exit its current sleep state. The open-drain output
must be pulled up to VSB in order to function during power-off.
RING
27
I
INTS
VSB
Telephone Line Ring. Detection of a pulse train on the RING pin
is a wake-up event that can activate the power-up request
(PWUREQ). The pin has a Schmidt-trigger input buffer, powered
by VSB.
Signal
Pin/s
I/O Buffer Type Power Well
Description
WDO
56
O
OD6,O3/6
VDD
WATCHDOG Out. Low level indicates that the WATCHDOG Timer
has reached its time-out period without being retriggered.
The output type and an optional pull-up are configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com