Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 69Page - National Semiconductor (TI) PC87360 Datasheet HTML 70Page - National Semiconductor (TI) PC87360 Datasheet HTML 71Page - National Semiconductor (TI) PC87360 Datasheet HTML 72Page - National Semiconductor (TI) PC87360 Datasheet HTML 73Page - National Semiconductor (TI) PC87360 Datasheet HTML 74Page - National Semiconductor (TI) PC87360 Datasheet HTML 75Page - National Semiconductor (TI) PC87360 Datasheet HTML 76Page - National Semiconductor (TI) PC87360 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
73
www.national.com
After the wake-up mode is determined for all events, each one of them is fed into a dedicated detector that determines when
this event is active, according to predetermined (either fixed or programmable) criteria. A set of dedicated registers is used
to determine the wake-up criteria, including the CEIR address and the keyboard sequence.
Two Wake-Up Events Status registers (WK_STSn) hold a Status bit for each of the 16 events.
Six Wake-Up Events Routing Control register s (WK_ENn WK_SMIENn and WK_IRQENn) hold three Routing Enable bits
for each of the 16 events, to allow selective routing of these events to PWUREQ, SMI and/or the assigned SWC interrupt
request (IRQ) channel.
Upon detection of any active event, the corresponding Status bit is set to 1, regardless of any Routing Enable bit. If both the
Status bit and a Routing Enable bit corresponding to a specific event are set to 1 (no matter in what order), the output pin
corresponding to that Routing Enable bit is asserted. The Status bit is deasserted by writing 1 to it. Writing 0 to a Routing
Enable bit of an event prevents it from issuing the corresponding system notification, but does not affect the Status bit. Figure
8 show the routing scheme of detected wake-up events to the various means of system notification.
Figure 8. Wake-Up Events Routing Scheme
To enable the assertion of SMI by detected wake-up events, it is necessary to either select the SMI function on a device pin
or route it to an interrupt request channel via the device’s configuration registers.
Event i
Detection
WK_SMIENn.i
WK_IRQENn.i
WK_ENn.i
Wake-Up Event i
From Wake-Up
PWUREQ
SMI
IRQ
Event
Routing
Logic
WK_STSn.i
Extesion Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com