Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 70Page - National Semiconductor (TI) PC87360 Datasheet HTML 71Page - National Semiconductor (TI) PC87360 Datasheet HTML 72Page - National Semiconductor (TI) PC87360 Datasheet HTML 73Page - National Semiconductor (TI) PC87360 Datasheet HTML 74Page - National Semiconductor (TI) PC87360 Datasheet HTML 75Page - National Semiconductor (TI) PC87360 Datasheet HTML 76Page - National Semiconductor (TI) PC87360 Datasheet HTML 77Page - National Semiconductor (TI) PC87360 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
74
www.national.com
Four Wake-Up Extension Enable registers (WK_X1EN0, 1 and WK_X2EN0, 1) hold two configuration bits for each of the 16
events to control the wake-up mode for each one of them. Figure 9 illustrates the Wake-Up Mode Control (Extension) mech-
anism.
Figure 9. Wake-Up Mode Control (Extension) Mechanism
In addition to monitoring various system events, the SWC operates several general-purpose I/O (GPIO) pins powered by
VSB. Two runtime data registers (SB_GPDO0 and SBGPDI0) hold a Data Out bit and a Data In bit for each VSB powered
GPIO pin. In addition, each GPIO pin has a dedicated configuration register that controls its characteristics. These configu-
ration registers are accessed via a set of Standby GPIO Pin Select and Pin Configuration registers (SBGPSEL and SBG-
PCFG). For a detailed description of the VSB powered GPIO pins, see Section 3.4.28.
The SWC logic is powered by VSB. The SWC control and configuration registers are battery backed, powered by VPP. The
setup of the wake-up events, including programmable sequences, is retained throughout power failures (no VSB) as long as
the battery is connected. VPP is taken from VSB if VSB is greater than the minimum (Min) value defined in the Device Char-
acteristics chapter; otherwise, VBAT is used as the VPP source.
Hardware reset does not affect these registers. They are reset only by software reset or power-up of VPP.
3.3
EVENT DETECTION
3.3.1
Modem Ring
High to low transitions on RI1 or RI2 indicate the detection of ring in external modem connected to Serial Port 1 or Serial
Port 2, respectively, and can be used as wake-up events.
3.3.2
Telephone Ring
A telephone ring is detected by the SWC by processing the raw signal coming directly from the telephone line into the RING
input pin. Detection of a pulse-train with a frequency higher than 16 Hz that lasts at least 0.19 sec, is used as a wake-up
event.
The RING pulse-train detection is achieved by monitoring the falling edges on RING in time slots of 62.5 msec (a 16 Hz
cycle). A positive detection occurs if falling edges of RING are detected in three consecutive time slots, following a time slot
in which no RING falling edge is detected. This detection method guarantees the detection of a RING pulse-train with fre-
quencies higher than 16 Hz. It filters out (does not detect) pulses of less than 10 Hz, and may detect pulses between 10 Hz
to 16 Hz.
3.3.3
Keyboard and Mouse Activity
The detection of either any activity or a specific predetermined keyboard or mouse activity can be used as a wake-up event.
The keyboard wake-up detection can be programmed to detect:
q
Any keystroke
q
A specific programmable sequence of up to eight alphanumeric keystrokes
q
Any programmable sequence of up to 8 bytes of data received from the keyboard.
The mouse wake-up detection can be programmed to detect either any mouse click or movement, or a specific programma-
ble click (left or right) or double-clicks.
The keyboard or mouse event detection operates independently of the KBC (which is powered down with the rest of the system).
WK_X2ENn.i
WK_X1ENn.i
Wake-Up Filtered Event i
VDD Present
To Event i
Detection
Logic
Post VDD Power-On Silence
Post VSB Power-On Silence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com