Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87360 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 68Page - National Semiconductor (TI) PC87360 Datasheet HTML 69Page - National Semiconductor (TI) PC87360 Datasheet HTML 70Page - National Semiconductor (TI) PC87360 Datasheet HTML 71Page - National Semiconductor (TI) PC87360 Datasheet HTML 72Page - National Semiconductor (TI) PC87360 Datasheet HTML 73Page - National Semiconductor (TI) PC87360 Datasheet HTML 74Page - National Semiconductor (TI) PC87360 Datasheet HTML 75Page - National Semiconductor (TI) PC87360 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
72
www.national.com
3.0
System Wake-Up Control (SWC)
3.1
OVERVIEW
The SWC recognizes the following maskable system events:
q
Modem ring (RI1 and RI2 pins)
q
Telephone ring (RING input pin)
q
Keyboard activity or specific programmable key sequence
q
Mouse activity or specific programmable sequence of clicks and movements
q
Programmable Consumer Electronics IR (CEIR) address
q
Wake-up on module IRQs for FDC, Parallel Port, Serial Ports 1 and 2, Mouse, KBC, ACB, Fan Speed Control and
Monitor (FSCM) and WATCHDOG Timer (WDT)
q
Eight VSB-powered, general-purpose input events (via GPIOE0-5 and GPIE6-7)
q
23 VDD-powered, GPIO-triggered events (via GPIO00-07, GPIO10-14, GPIO16-17 and GPIO40-47)
q
Software event.
The SWC notifies the device when any of these events occur by asserting one or more of the following output pins:
q
Power-Up Request (PWUREQ)
q
System Management Interrupt (SMI)
q
Interrupt Request (via SERIRQ)
Figure 7 shows the block diagram of the SWC.
Figure 7. SWC Block Diagram
In addition to the event detection and system notification capabilities, the SWC operates several general-purpose I/O pins
powered by VSB. These pins can be used to perform various tasks while VSB is present and VDD is not.
3.2
FUNCTIONAL DESCRIPTION
The SWC monitors 16 system events or activities. Upon entering the SWC, the events pass through a filter (where applica-
ble) and polarity adjustment logic. After filtering and polarity adjustment, each event enters the Wake-Up Mode Control (Ex-
tension) Logic which determines its effect during the various system power states. See Figure 7 for an illustration of this
mechanism.
Filters
and
Polarity
Selection
Wake-Up
Extension
Mechanism
Wake-Up Event
Detection
and Routing
Wake-Up
Event
Sources
SWC IRQ
SWC SMI
PWUREQ
16
16
16
Wake-Up
Extension
Enable
Registers
Wake-Up
Configuration
and Control
Registers
ACPI
Enable, Status
and Routing
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com