Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT80V60DF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWT80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT80V60DF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWT80V60DF Datasheet HTML 2Page - STMicroelectronics STGWT80V60DF Datasheet HTML 3Page - STMicroelectronics STGWT80V60DF Datasheet HTML 4Page - STMicroelectronics STGWT80V60DF Datasheet HTML 5Page - STMicroelectronics STGWT80V60DF Datasheet HTML 6Page - STMicroelectronics STGWT80V60DF Datasheet HTML 7Page - STMicroelectronics STGWT80V60DF Datasheet HTML 8Page - STMicroelectronics STGWT80V60DF Datasheet HTML 9Page - STMicroelectronics STGWT80V60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STGW80V60DF, STGWT80V60DF
6/18
DocID024362 Rev 2
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
rr
Reverse recovery time
I
F
= 80 A, V
R
= 400 V,
di/dt = 1000 A/μs
,
V
GE
= 15 V
, see Figure 28
-60
-
ns
Q
rr
Reverse recovery charge
-
112
-
nC
I
rrm
Reverse recovery current
-
3.6
-
A
dI
rr/
/dt
Peak rate of fall of reverse
recovery current during t
b
-
140
-
A/μs
E
rr
Reverse recovery energy
-
70
-
μJ
t
rr
Reverse recovery time
I
F
= 80 A, V
R
= 400 V,
di/dt = 1000 A/μs
, V
GE
= 15
V; T
J
= 175 °C
see
Figure 28
-
340
-
ns
Q
rr
Reverse recovery charge
-
2200
-
nC
I
rrm
Reverse recovery current
-
13
-
A
dI
rr/
/dt
Peak rate of fall of reverse
recovery current during t
b
-70
-
A/μs
E
rr
Reverse recovery energy
-
880
-
μJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com