Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT80V60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGWT80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT80V60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGWT80V60DF Datasheet HTML 5Page - STMicroelectronics STGWT80V60DF Datasheet HTML 6Page - STMicroelectronics STGWT80V60DF Datasheet HTML 7Page - STMicroelectronics STGWT80V60DF Datasheet HTML 8Page - STMicroelectronics STGWT80V60DF Datasheet HTML 9Page - STMicroelectronics STGWT80V60DF Datasheet HTML 10Page - STMicroelectronics STGWT80V60DF Datasheet HTML 11Page - STMicroelectronics STGWT80V60DF Datasheet HTML 12Page - STMicroelectronics STGWT80V60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID024362 Rev 2
9/18
STGW80V60DF, STGWT80V60DF
Electrical characteristics
Figure 14. Capacitance variation
Figure 15. Gate charge vs. gate-emitter voltage
Figure 16. Switching loss vs collector current
Figure 17. Switching loss vs gate resistance
Figure 18. Switching loss vs temperature
Figure 19. Switching loss vs collector-emitter
voltage
C
100
VCE(V)
(pF)
0.1
1
10
Cies
1000
10000
Coes
Cres
GIPD041120131358FSR
VGE
8
0
Qg(nC)
(V)
0
100
IC= 80A
VCC= 480V
4
200
12
300
16
400
500
GIPD041120131406FSR
E
0
IC(A)
(μJ)
20
40
60
2000
80
100
4000
EON
6000
VCC = 400V, VGE = 15V,
RG = 10Ω, TJ = 175°C
120
EOFF
140
8000
10000
GIPD041120131413FSR
E
0
RG(Ω)
(μJ)
010
20
2000
4000
6000
30
40
8000
EOFF
VCC = 400 V, VGE = 15 V,
IC = 80 A, TJ = 175 °C
EON
GIPD041120131419FSR
E
1000
TJ(°C)
(μJ)
050
2000
3000
4000
100
150
EOFF
VCC= 400V, VGE= 15V,
RG= 10Ω, IC= 80A
EON
GIPD041120131424FSR
E
0
VCE(V)
(μJ)
150
350
2000
4000
6000
EOFF
TJ= 175°C, VGE= 15V,
RG= 10Ω, IC= 80A
EON
250
450
GIPD041120131428FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com