Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT80V60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWT80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT80V60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGWT80V60DF Datasheet HTML 1Page - STMicroelectronics STGWT80V60DF Datasheet HTML 2Page - STMicroelectronics STGWT80V60DF Datasheet HTML 3Page - STMicroelectronics STGWT80V60DF Datasheet HTML 4Page - STMicroelectronics STGWT80V60DF Datasheet HTML 5Page - STMicroelectronics STGWT80V60DF Datasheet HTML 6Page - STMicroelectronics STGWT80V60DF Datasheet HTML 7Page - STMicroelectronics STGWT80V60DF Datasheet HTML 8Page - STMicroelectronics STGWT80V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID024362 Rev 2
5/18
STGW80V60DF, STGWT80V60DF
Electrical characteristics
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
ies
Input capacitance
V
CE
= 25 V, f = 1 MHz,
V
GE
= 0
-
10800
-
nF
C
oes
Output capacitance
-
390
-
pF
C
res
Reverse transfer
capacitance
-
220
-
pF
Q
g
Total gate charge
V
CC
= 480 V, I
C
= 80 A,
V
GE
= 15 V, see
Figure 29
-
448
-
nC
Q
ge
Gate-emitter charge
-
76
-
nC
Q
gc
Gate-collector charge
-
184
-
nC
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 80 A,
R
G
= 5
Ω, V
GE
= 15 V,
see
Figure 28
-60
-
ns
t
r
Current rise time
-
30
-
ns
(di/dt)
on
Turn-on current slope
-
2200
-
A/μs
t
d(off)
Turn-off delay time
-
220
-
ns
t
f
Current fall time
-
17
-
ns
E
on
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
-
1.8
-
mJ
E
off
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
1
-
mJ
E
ts
Total switching losses
-
2.8
-
mJ
t
d(on)
Turn-on delay time
V
CE
= 400 V, I
C
= 80 A,
R
G
= 5
Ω, V
GE
= 15 V
,
T
J
= 175 °C, see
Figure 28
-60
-
ns
t
r
Current rise time
-
30
-
ns
(di/dt)
on
Turn-on current slope
-
2100
-
A/μs
t
d(off)
Turn-off delay time
-
240
-
ns
t
f
Current fall time
-
22
-
ns
E
on
(1)
Turn-on switching losses
-
3.8
-
mJ
E
off
(2)
Turn-off switching losses
-
1.25
-
mJ
E
ts
Total switching losses
-
5.05
-
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com