Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT80V60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWT80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT80V60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWT80V60DF Datasheet HTML 3Page - STMicroelectronics STGWT80V60DF Datasheet HTML 4Page - STMicroelectronics STGWT80V60DF Datasheet HTML 5Page - STMicroelectronics STGWT80V60DF Datasheet HTML 6Page - STMicroelectronics STGWT80V60DF Datasheet HTML 7Page - STMicroelectronics STGWT80V60DF Datasheet HTML 8Page - STMicroelectronics STGWT80V60DF Datasheet HTML 9Page - STMicroelectronics STGWT80V60DF Datasheet HTML 10Page - STMicroelectronics STGWT80V60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID024362 Rev 2
7/18
STGW80V60DF, STGWT80V60DF
Electrical characteristics
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Ptot
300
200
100
0
025
TC(°C)
(W)
100
400
50
75
175
125 150
GIPD041120131017FSR
IC
60
30
0
025
TC(°C)
(A)
100
90
50
75
120
175
VGE ≥ 15V, TJ ≤ 175 °C
125 150
GIPD011020131024FSR
Figure 4. Output characteristics (TJ = 25°C)
Figure 5. Output characteristics (TJ = 175°C)
IC
40
0
0
1
VCE(V)
(A)
4
80
2
3
VGE=15V
120
9V
11V
GIPD041120131118FSR
IC
40
0
0
1
VCE(V)
(A)
4
80
2
3
VGE=15V
120
9V
11V
7V
13V
GIPD281020131423FSR
Figure 6. VCE(sat) vs. junction temperature
Figure 7. VCE(sat) vs. collector current
VCE(sat)
3
2.5
2
1.5
-50
TJ(°C)
(V)
100
3.5
0
50
150
VGE= 15V
IC= 160A
IC= 80A
IC= 40A
1
GIPD041120131129FSR
VCE(sat)
2.5
2
1.5
20
IC(A)
(V)
80
3
40
60
3.5
100
1
VGE= 15V
TJ= -40°C
TJ= 25°C
TJ= 175°C
120
140
GIPD041120131136FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com