Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWT80V60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGWT80V60DF
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT80V60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGWT80V60DF Datasheet HTML 6Page - STMicroelectronics STGWT80V60DF Datasheet HTML 7Page - STMicroelectronics STGWT80V60DF Datasheet HTML 8Page - STMicroelectronics STGWT80V60DF Datasheet HTML 9Page - STMicroelectronics STGWT80V60DF Datasheet HTML 10Page - STMicroelectronics STGWT80V60DF Datasheet HTML 11Page - STMicroelectronics STGWT80V60DF Datasheet HTML 12Page - STMicroelectronics STGWT80V60DF Datasheet HTML 13Page - STMicroelectronics STGWT80V60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics
STGW80V60DF, STGWT80V60DF
10/18
DocID024362 Rev 2
Figure 20. Switching times vs. collector current Figure 21. Switching times vs. gate resistance
t
IC(A)
(ns)
20
40
60
10
80
tf
TJ= 175°C, VGE= 15V,
RG= 10Ω, VCC= 400V
tdoff
100
tr
tdon
100 120
140
GIPD041120131437FSR
t
10
RG(Ω)
(ns)
010
20
100
30
tf
TJ= 175°C, VGE= 15V,
IC= 80A, VCC= 400V
40
1000
tdon
tdoff
tr
GIPD041120131444FSR
Figure 22. Reverse recovery current vs. diode
current slope
Figure 23. Reverse recovery time vs. diode
current slope
Irm
0
di/dt(A/μs)
(A)
0
500
1000
40
1500
IF = 80A, Vr = 400V
2000
60
=175°C
=25°C
80
20
TJ
TJ
100
2500
120
GIPD041120131449FSR
trr
0
di/dt(A/μs)
(ns)
0
500
1000
200
1500
IF = 80A, Vr = 400V
2000
300
=175°C
=25°C
100
TJ
TJ
2500
GIPD041120131511FSR
Figure 24. Reverse recovery charge vs. diode
current slope
Figure 25. Reverse recovery energy vs. diode
current slope
Qrr
0
di/dt(A/μs)
(nC)
0
500
1000
6000
1500
IF = 80A, Vr = 400V
2000
=175°C
=25°C
4000
TJ
TJ
2000
2500
GIPD041120131516FSR
Err
0
di/dt(A/μs)
(μJ)
0
500
1000
900
1500
IF = 80A, Vr = 400V
2000
=175°C
=25°C
300
TJ
TJ
600
1200
2500
GIPD041120131521FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com