Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 2Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 3Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 4Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 5Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 6Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 7Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 8Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 9Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS347C device-specific
data manual to make it an SPRS347D revision.
Scope: Applicable updates to the TMS320C642x DSP, specifically relating to the TMS320C6424 device,
have been incorporated.
•
Added 700-MHz C64x+™ device speed.
•
Added designators for low-power (-L) devices.
•
Clarified the device operating frequencies that can run at 1.05 V core voltage.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 2-1
Updated Table 2-1, Characteristics of the C6424 Processor, to reflect changes to the CPU Frequency and
Characteristics of the
Cycle Time at CVDD = 1.05 V.
C6424 Processor
Figure 2-14
Updated/Changed Figure 2-14, Device Nomenclature, to reflect device speed range.
Device Nomenclature
6
Contents
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com