Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 79Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 80Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 81Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 82Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 83Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 84Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 85Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 86Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
The PCIEN setting is captured and stored in the BOOTCFG.DPCIEN bit field, and also in the
PINMUX1.PCIEN bit field. These values cannot be changed by software. Furthermore, for proper device
operation, the user must hold the desired setting at the PCIEN pin throughout device operation.
3.6
Configurations After Reset
The following sections provide details on configuring the device after reset.
Multiplexed pins are configured both at and after reset. Section 3.5.1, Device and Peripheral
Configurations at Device Reset, discusses multiplexed pin control at reset. For more details on multiplexed
pins control after reset, see Section 3.7 , Multiplexed Pin Configurations.
3.6.1
Switch Central Resource (SCR) Bus Priorities
Prioritization within the Switched Central Resource (SCR) is programmable for each master. The register
bit fields and default priority levels for C6424 bus masters are shown in Table 3-11, C6424 Default Bus
Master Priorities. The priority levels should be tuned to obtain the best system performance for a particular
application. Lower values indicate higher priority. For most masters, their priority values are programmed
at the system level by configuring the MSTPRI0 and MSTPRI1 registers. Details on the MSTPRI0/1
registers are shown in Figure 3-5 and Figure 3-6. The C64x+ and EDMA masters contain registers that
control their own priority values.
Table 3-11. C6424 Default Bus Master Priorities
Priority Bit Field
Bus Master
Default Priority Level
EDMATC0P
EDMATC0
0 (EDMACC QUEPRI Register)
EDMATC1P
EDMATC1
0 (EDMACC QUEPRI Register)
EDMATC2P
EDMATC2
0 (EDMACC QUEPRI Register)
C64X+_DMAP
C64X+ (DMA)
7 (C64x + MDMAARBE.PRI field)
C64X+_CFGP
C64X+ (CFG)
1 (MSTPRI0 Register)
EMACP
EMAC
4 (MSTPRI1 Register)
VLYNQP
VLYNQ
4 (MSTPRI1 Register)
HPIP
HPI
4 (MSTPRI1 Register)
PCIP
PCI
4 (MSTPRI1 Register)
31
16
RESERVED
R-0000 0000 0000 0000
15
11
10
9
8
7
0
RESERVED
C64X+_CFGP
RESERVED
R-0000 0
R/W-001
R-0000 0000
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-5. MSTPRI0 Register— 0x01C4 003C
Table 3-12. MSTPRI0 Register Description
Bit
Field Name
Description
31:11
RESERVED
Reserved. Read-only, writes have no effect.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
83
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com