Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2665FIBZDUA6 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2665FIBZDUA6
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIBZDUA6 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETV2665FIBZDUA6 Datasheet HTML 67Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 68Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 69Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 70Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 71Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 72Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 73Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 74Page - Texas Instruments TNETV2665FIBZDUA6 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-3. C6424 Default Module States (continued)
DEFAULT MODULE STATE
LPSC #
MODULE NAME
[PSC Register MDSTATn.STATE]
23
PWM0
SwRstDisable
24
PWM1
SwRstDisable
25
PWM2
SwRstDisable
26
GPIO
SwRstDisable
27
TIMER0
SwRstDisable
28
TIMER1
SwRstDisable
39
C64x+ CPU
Enable
3.4
Boot Sequence
The boot sequence is a process by which the device's memory is loaded with program and data sections,
and by which some of the device's internal registers are programmed with predetermined values. The boot
sequence is started automatically after each device-level global reset. For more details on device-level
global resets, see Section 6.5, Reset.
There are several methods by which the memory and register initialization can take place. Each of these
methods is referred to as a boot mode. The boot mode to be used is selected at reset. For more
information on the bootmode selections, see Section 3.4.1, Boot Modes.
The device is booted through multiple means—primary bootloaders within internal ROM or EMIFA, and
secondary user bootloaders from peripherals or external memories. Boot modes, pin configurations, and
register configurations required for booting the device, are described in the following subsections.
3.4.1
Boot Modes
The C6424 boot modes are determined by these device boot and configuration pins. For information on
how these pins are sampled at device reset, see Section 6.5.1.2, Latching Boot and Configuration Pins.
•
BOOTMODE[3:0]
•
PCIEN
•
FASTBOOT
•
PLLMS[2:0]
BOOTMODE[3:0] and PCIEN determine the type of boot (e.g., I2C Boot, EMIFA Boot, HPI Boot, or PCI
Boot, etc.). FASTBOOT determines if the PLL is enabled during boot to speed up the boot process.
PLLMS[2:0] is used by bootloader code to determine the PLL multiplier used during fastboot modes
(FASTBOOT = 1).
The C6424 boot modes are grouped into two categories—Non-Fastboot Modes and User-Select Multiplier
Fastboot Modes.
•
Non-Fastboot Modes (FASTBOOT = 0): The device operates in default PLL bypass mode during
boot. The Non-Fastboot bootmodes available on the C6424 are shown in Table 3-4.
•
User-Select Multiplier Fastboot Modes (FASTBOOT = 1): The bootloader code speeds up the
device during boot. The PLL multiplier is selected by the user via the PLLMS[2:0] pins. The
User-Select Multiplier Fastboot bootmodes available on the C6424 are shown in Table 3-5.
All other modes not shown in these tables are reserved and invalid settings.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
71
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com