Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH29 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 4Page - STMicroelectronics LNBH29 Datasheet HTML 5Page - STMicroelectronics LNBH29 Datasheet HTML 6Page - STMicroelectronics LNBH29 Datasheet HTML 7Page - STMicroelectronics LNBH29 Datasheet HTML 8Page - STMicroelectronics LNBH29 Datasheet HTML 9Page - STMicroelectronics LNBH29 Datasheet HTML 10Page - STMicroelectronics LNBH29 Datasheet HTML 11Page - STMicroelectronics LNBH29 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Application information
LNBH29
8/31
DocID023065 Rev 3
2.11
PNG: input voltage minimum detection
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum thresholds,
the PNG I²C bit is set to “1”. Refer to Table 9 for threshold details.
2.12
COMP: boost capacitors and inductor
The DC-DC converter compensation loop can be optimized in order to properly work with
both ceramic and electrolytic capacitors (VUP pin). For this purpose, one I²C bit in the DATA
register (COMP) can be set to “1” or “0” as follows:
COMP=0 for electrolytic capacitors
COMP=1 for ceramic capacitors
For recommended DC-DC capacitor and inductor values refer to Section 5: Typical
application circuits and to the BOM in Table 5.
2.13
OLF: overcurrent and short-circuit protection and diagnostic
In order to reduce the total power dissipation during an overload or a short-circuit condition,
the device is provided with a dynamic short-circuit protection. The overcurrent protection
circuit works dynamically: as soon as an overload is detected, the output current is provided
only for TON time (90 ms typ.) and after that, the output is set in shutdown for a TOFF time of
typically 900 ms. Simultaneously, the diagnostic OLF I²C bit of the STATUS register is set to
“1”. After this time has elapsed, the output is resumed for a time TON. At the end of TON, if
the overload is still detected, the protection circuit cycles again through TOFF and TON. At
the end of a full TON in which no overload is detected, normal operation is resumed and the
OLF diagnostic bit is reset to LOW after a register reading is done. Typical TON + TOFF time
is 990 ms, determined by an internal timer. This dynamic operation can greatly reduce the
power dissipation in short-circuit conditions, while ensuring excellent power-on startup in
most conditions.
2.14
OTF: thermal protection and diagnostic
The LNBH29 series is also protected against overheating: when the junction temperature
exceeds 150 °C (typ.), the step-up converter and the linear regulator are shut off and the
diagnostic OTF bit in the STATUS register is set to “1”. As soon as the overtemperature
condition is removed, normal operation is automatically re-enabled, while the OTF bit is
reset to “0” after a register reading operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com