Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH29 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 16Page - STMicroelectronics LNBH29 Datasheet HTML 17Page - STMicroelectronics LNBH29 Datasheet HTML 18Page - STMicroelectronics LNBH29 Datasheet HTML 19Page - STMicroelectronics LNBH29 Datasheet HTML 20Page - STMicroelectronics LNBH29 Datasheet HTML 21Page - STMicroelectronics LNBH29 Datasheet HTML 22Page - STMicroelectronics LNBH29 Datasheet HTML 23Page - STMicroelectronics LNBH29 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Electrical characteristics
LNBH29
20/31
DocID023065 Rev 3
8
Electrical characteristics
Refer to the Section 5: Typical application circuits, TJ from 0 to 85 °C, DATA register bits set
to “0” except VSEL0 = 1, RSEL = 16.2 k
, DSQIN = LOW, V
IN = 12 V, IOUT = 50 mA, unless
otherwise stated. Typical values are referred to TJ = 25 °C. VOUT = VOUT pin voltage. See
software description section for I²C access to the system register (Section 6 and Section 7).
Table 9. Electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Supply voltage (1)
812
17.5
V
IIN
Supply current
IOUT = 0 mA
6
mA
22 kHz tone enabled (DSQIN=high),
IOUT = 0 mA
10
VSEL0=VSEL1=VSEL2=0
1
VOUT
Output voltage total accuracy
Valid at any VOUT selected level
-3.5
+3.5
%
VOUT
Line regulation
VIN = 8 to 17.5 V
40
mV
VOUT
Load regulation
IOUT from 50 to 500 mA
100
IMAX
Output current limiting
thresholds
RSEL = 16.2 k
RSEL = 22 k
500
750
mA
350
550
ISC
Output short-circuit current
RSEL= 16.2 k
400
mA
SS
Soft-start time
VOUT from 0 to 13 V
4
ms
SS
Soft-start time
VOUT from 0 to 18 V
6
ms
T13-18
Soft transition rise time
VOUT from 13 V to 18 V
1.5
ms
T18-13
Soft transition fall time
VOUT from 18 V to 13 V
1.5
ms
TOFF
Dynamic overload protection
OFF-time
Output shorted
900
ms
TON
Dynamic overload protection
ON-time
Output shorted
TOFF/
10
ATONE
Tone amplitude
DSQIN = “1” (using internal tone
generator)
IOUT from 0 to 500 mA
CBUS from 0 to 750 nF
0.55
0.675
0.8
VPP
FTONE
Tone frequency
DSQIN = “1”
(using internal tone generator)
20
22
24
kHz
DTONE
Tone duty cycle
43
50
57
%
tr, tf
Tone rise or fall time (2)
5
8
15
µs
GEXTM
External modulation gain (3)
VOUT/ VEXTM, freq. from 10 kHz to
30 kHz
10
VEXTM
External modulation input
voltage (3)
EXTM AC coupling (4)
400
mVPP
ZEXTM
External modulation
impedance (3)
230
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com