Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH29 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 21Page - STMicroelectronics LNBH29 Datasheet HTML 22Page - STMicroelectronics LNBH29 Datasheet HTML 23Page - STMicroelectronics LNBH29 Datasheet HTML 24Page - STMicroelectronics LNBH29 Datasheet HTML 25Page - STMicroelectronics LNBH29 Datasheet HTML 26Page - STMicroelectronics LNBH29 Datasheet HTML 27Page - STMicroelectronics LNBH29 Datasheet HTML 28Page - STMicroelectronics LNBH29 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DocID023065 Rev 3
25/31
LNBH29
Package mechanical data
Table 14. QFN16 (3 x 3 mm) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.05
A3
0.20
b
0.18
0.30
D
2.90
3.00
3.10
D2
1.50
1.80
E
2.90
3.00
3.10
E2
1.50
1.80
e0.50
L
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com