Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH29 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 15Page - STMicroelectronics LNBH29 Datasheet HTML 16Page - STMicroelectronics LNBH29 Datasheet HTML 17Page - STMicroelectronics LNBH29 Datasheet HTML 18Page - STMicroelectronics LNBH29 Datasheet HTML 19Page - STMicroelectronics LNBH29 Datasheet HTML 20Page - STMicroelectronics LNBH29 Datasheet HTML 21Page - STMicroelectronics LNBH29 Datasheet HTML 22Page - STMicroelectronics LNBH29 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID023065 Rev 3
19/31
LNBH29
I²C interface protocol
7.4
STATUS register
The STATUS register can be addressed only in Read mode and provides the diagnostic
functions described in Table 8.
N/A = Reserved bit.
All bits reset to “0” at power-on.
Table 8. STATUS (READ register. Register address = 0X0)
BIT
Name
Value
Description
Bit 0
(LSB)
OLF
1
Output short-circuit or VOUT pin overload protection has been triggered
(IOUT > IMAX).
0
No overload protection has been triggered to VOUT pin (IOUT < IMAX).
Bit 1
OTF
1
Junction overtemperature is detected, TJ > 150 °C.
0
Junction overtemperature not detected, TJ < 135 °C. TJ is below
thermal protection threshold.
Bit 2
VMON
1
Output voltage (VOUT pin) lower than VMON specification thresholds.
Refer to Table 12.
0
Output voltage (VOUT pin) is within the VMON specifications.
Bit 3
PNG
1
Input voltage (VCC pin) lower than LPD minimum thresholds. Refer to
VLP in Table 9.
0
Input voltage (VCC pin) higher than LPD thresholds. Refer to VLP in
Table 9.
Bit 4
PDO
1
Overcurrent detected on output pull-down stage for a time longer than
de-glitch period. This may happen due to an external voltage source
present on the LNB output (VOUT pin).
0
No overcurrent detected on output pull-down stage.
Bit 5
N/A
-
Reserved
Bit 6
N/A
-
Reserved
Bit 7
(MSB)
N/A
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com