Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH29 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 18Page - STMicroelectronics LNBH29 Datasheet HTML 19Page - STMicroelectronics LNBH29 Datasheet HTML 20Page - STMicroelectronics LNBH29 Datasheet HTML 21Page - STMicroelectronics LNBH29 Datasheet HTML 22Page - STMicroelectronics LNBH29 Datasheet HTML 23Page - STMicroelectronics LNBH29 Datasheet HTML 24Page - STMicroelectronics LNBH29 Datasheet HTML 25Page - STMicroelectronics LNBH29 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Electrical characteristics
LNBH29
22/31
DocID023065 Rev 3
TJ from 0 to 85 °C, VI = 12 V.
Refer to Section 5: Typical application circuits, TJ from 0 to 85 °C, DATA register bits set to
“0”, RSEL = 16 k
, DSQIN = LOW, V
IN = 12 V, IOUT = 50 mA, unless otherwise stated.
Typical values are referred to TJ = 25 °C. VOUT = VOUT pin voltage. See software description
section for I²C access to the STATUS register.
Note:
If the output voltage is lower than the min. value the VMON I²C bit is set to 1.
If VMON = 0 then VOUT > 80% of VOUT typical.
If VMON = 1 then VOUT < 95% of VOUT typical.
Table 11. Address pin characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VADDR-1
“0001000(R/W)” address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-2
“0001001(R/W)” address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V
Table 12. Output voltage diagnostic (VMON BIT, STATUS register) characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTH-L
Diagnostic low threshold at
VOUT = 13.0 V
VSEL0=1, VSEL1=VSEL2=0
80
90
95
%
VTH-L
Diagnostic low threshold at
VOUT = 18.15 V
VSEL1=0, VSEL0=VSEL2=1
80
90
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com