| Electronic Components Datasheet Search |
|
TNETV6446AINZWT8 Datasheet(PDF) 191 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT8 Datasheet(HTML) 191 Page - Texas Instruments |
|
191 / 227 page ![]() TMS320DM6446 www.ti.com SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 6.16 Universal Asynchronous Receiver/Transmitter (UART) DM6446 has 3 UART peripherals. Each UART has the following features: • 16-byte storage space for both the transmitter and receiver FIFOs • 1, 4, 8, or 14 byte selectable receiver FIFO trigger level for autoflow control and DMA • DMA signaling capability for both received and transmitted data • Programmable auto-rts and auto-cts for autoflow control • Frequency pre-scale values from 1 to 65,535 to generate appropriate baud rates • Prioritized interrupts • Programmable serial data formats – 5, 6, 7, or 8-bit characters – Even, odd, or no parity bit generation and detection – 1, 1.5, or 2 stop bit generation • False start bit detection • Line break generation and detection • Internal diagnostic capabilities – Loopback controls for communications link fault isolation – Break, parity, overrun, and framing error simulation • Modem control functions (CTS, RTS) on UART2 only. The UART0/1/2 registers are listed in Table 6-73, Table 6-74, and Table 6-75. 6.16.1 UART Peripheral Register Description(s) Table 6-73. UART0 Register Descriptions HEX ADDRESS RANGE ACRONYM REGISTER NAME 0x01C2 0000 RBR UART0 Receiver Buffer Register (Read Only) 0x01C2 0000 THR UART0 Transmitter Holding Register (Write Only) 0x01C2 0004 IER UART0 Interrupt Enable Register 0x01C2 0008 IIR UART0 Interrupt Identification Register (Read Only) 0x01C2 0008 FCR UART0 FIFO Control Register (Write Only) 0x01C2 000C LCR UART0 Line Control Register 0x01C2 0010 MCR UART0 Modem Control Register 0x01C2 0014 LSR UART0 Line Status Register 0x01C2 0018 - Reserved 0x01C2 001C - Reserved 0x01C2 0020 DLL UART0 Divisor Latch (LSB) 0x01C2 0024 DLH UART0 Divisor Latch (MSB) 0x01C2 0028 PID1 Peripheral Identification Register 1 0x01C2 002C PID2 Peripheral Identification Register 2 0x01C2 0030 PWREMU_MGMT UART0 Power and Emulation Management Register 0x01C2 0034 - 0x01C2 03FF - Reserved Copyright © 2005–2010, Texas Instruments Incorporated Peripheral and Electrical Specifications 191 Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |