Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT8 Datasheet(PDF) 194 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 194 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 190Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 191Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 192Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 193Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 194Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 195Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 196Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 197Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.17
Serial Peripheral Interface (SPI)
The DM6446 SPI peripheral provides a programmable length shift register which allows serial
communication with other SPI devices through a 3 or 4 wire interface. The SPI supports the following
features:
•
Master mode operation
•
2 chip selects for interfacing to multiple slave SPI devices.
•
3 or 4 wire interface
The SPI registers are shown in Table 6-78.
6.17.1 SPI Peripheral Register Description(s)
Table 6-78. SPI Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C6 6800
SPIGCR0
SPI Global Control Register 0
0x01C6 6804
SPIGCR1
SPI Global Control Register 1
0x01C6 6808
SPIINT
SPI Interrupt Register
0x01C6 680C
SPILVL
SPI Interrupt Level Register
0x01C6 6810
SPIFLG
SPI Flag Status Register
0x01C6 6814
SPIPC0
SPI Pin Control Register 0
0x01C6 6818
–
Reserved
0x01C6 681C
SPIPC2
SPI Pin Control Register 2
0x01C6 6820 - 0x01C6 6838
–
Reserved
0x01C6 683C
SPIDAT1
SPI Shift Register 1
0x01C6 6840
SPIBUF
SPI Buffer Register
0x01C6 6844
SPIEMU
SPI Emulation Register
0x01C6 6848
SPIDELAY
SPI Delay Register
0x01C6 684C
SPIDEF
SPI Default Chip Select Register
0x01C6 6850
SPIFMT0
SPI Data Format Register 0
0x01C6 6854
SPIFMT1
SPI Data Format Register 1
0x01C6 6858
SPIFMT2
SPI Data Format Register 2
0x01C6 685C
SPIFMT3
SPI Data Format Register 3
0x01C6 6860
INTVEC0
SPI Interrupt Vector Register 0
0x01C6 6864
INTVEC1
SPI Interrupt Vector Register 1
0x01C6 6868 - 0x01C6 6FFF
Reserved
194
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com