Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0240 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 7Page - STMicroelectronics UM0240 Datasheet HTML 8Page - STMicroelectronics UM0240 Datasheet HTML 9Page - STMicroelectronics UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics UM0240 Datasheet HTML 12Page - STMicroelectronics UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics UM0240 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
UM0240
Power supply
11/39
The connection between the charge pump output and the Vpp line is switched by the P-
MOS STS5DPF20L controlled by pin PF1 of the microcontroller.
This separates the IAP and In-Circuit Programming (ICP) and delivers VPP with a shorter
rising time.
The switch is closed when PF1 is low.
2.3
OpAmp negative supply (-5V)
The last power supply consists of a non-regulated negative charge pump derived from the
pin C1- of the ST622A, which works as an oscillator between 0V and VCC for the negative
charge pump composed by the two diodes, D14 and D15, and the two capacitors, C35 and
C36. This supply is used as negative supply for the two OPAMP U3A and U3B of LM358, in
order to provide them a complete rail-to-rail output range between -5V and VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com