Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0240 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 23Page - STMicroelectronics UM0240 Datasheet HTML 24Page - STMicroelectronics UM0240 Datasheet HTML 25Page - STMicroelectronics UM0240 Datasheet HTML 26Page - STMicroelectronics UM0240 Datasheet HTML 27Page - STMicroelectronics UM0240 Datasheet HTML 28Page - STMicroelectronics UM0240 Datasheet HTML 29Page - STMicroelectronics UM0240 Datasheet HTML 30Page - STMicroelectronics UM0240 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
UM0240
Firmware
27/39
10.2
Applications
Beside the DFU, application-specific firmware has been developed to enable the Industrial
Communication Board to control and communicate with different application boards.
10.2.1
Power Line Communication (PLC)
Dedicated firmware is available to use in conjunction with Power Line Communication (PLC)
Boards.
Power Line Communication Boards, based on ST7538 and ST7540 power line transceivers,
allow communication over the main AC voltage plugs at a low baud rate. These products are
designed for Home Automation, Building Automation, Automatic Meter Reading, and Street
Lighting control applications as well as other applications that do not require a broad band
communication link.
The PLC dedicated firmware performs basic functions such as:
●
Program transceiver control parameters: channel frequency, baud rate and so on (for
more options see the transceiver datasheet or the dedicated firmware application
note).
●
Transmit a user-defined data stream through the AC line either as single or multiple
repetition.
●
Receive data from the AC line either in free-running mode or after synchronization with
a programmable known sequence (frame header).
●
Perform a communication channel reliability test with a Client-Server application that
can calculate the reachability of each node by sending messages and retrieving
answers. This function implements a Forward Error Correction algorithm to detect if the
network under test requires a FEC algorithm or not.
10.2.2
Motor control
Dedicated FW is available to control different Motor Control boards. In operating a stepper
motor system one of the most common requirements is to execute a relative move. The
move is usually specified as a fixed number of basic motor steps in the clockwise or counter-
clockwise direction. It is common practice to execute this move along a trapezoidal shaped
velocity vs. time profile. FW calculate moving profiles to be used as command signals to
move the controlled motor in a defined position. Given the move distance, acceleration,
deceleration, and peak speed requirement, a profile can be determined. The control
structure is designed such that the velocity and acceleration/deceleration rate can be
changed at will, the task of pre-calculating the velocity profile boils down to determining the
position values where operation switches from acceleration to constant speed and then from
constant speed to deceleration. Execution time for these calculations is not critical since
they are done only once per move and are completed before the move begins. The heart of
the stepper motor control mechanism is the 20-kHz interrupt. This interrupt invokes an
Interrupt Service Routine (ISR) which executes repeatedly on a fixed time interval of 50
microseconds called TICK.
The ISR calculates real time values for velocity and position given the commanded
acceleration (or deceleration) and the present values for velocity and position.
A complete description of algorithms and formulas used by the FW is present in AN2044
Operating principles for Practispin Stepper Motor Motion Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com