Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0240 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 15Page - STMicroelectronics UM0240 Datasheet HTML 16Page - STMicroelectronics UM0240 Datasheet HTML 17Page - STMicroelectronics UM0240 Datasheet HTML 18Page - STMicroelectronics UM0240 Datasheet HTML 19Page - STMicroelectronics UM0240 Datasheet HTML 20Page - STMicroelectronics UM0240 Datasheet HTML 21Page - STMicroelectronics UM0240 Datasheet HTML 22Page - STMicroelectronics UM0240 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
UM0240
Interfaces and connectors
19/39
The two PLC interface control signals are connected in the PLM board either to the GND or
to VDD and are used to detect which modem is mounted on the board. There are four
possible configurations but only two are, at present, in use:
●
00 (GND,GND) for the ST7538
●
10 (GND,VDD) for the ST7540
6.5
In-circuit communication
The In Circuit Communication connector provides access to several debug features and to
the In Circuit Programming function that enables complete writing to the MCU Flash
memory.
6.6
Power supply
As described in Section 2: Power supply, the ST Industrial Communication Board can take
is power supply from different sources. If an external dedicated power supply is selected, it
must be in the 5V ÷ 35V range.
Taking into account that the board has a power consumption in steady state of
approximately 50mW, a value of 500mW is suggested.
The external power supply connector is a standard 2.5-mm phone jack that is compatible
with common PC notebook power supply connectors.
6.7
Jumpers
Five jumpers are present on the board to give flexibility on the use of reset management,
DAC reference voltage; In Circuit Communication and RS232 interface power supply.
Table 5.
PLC interface control signals
Pin number
Signal name
Description
Generated by
20
B_ID_PLM_1
Board ID for PLM Applications (MSB)
Modem
28
B_ID_PLM_0
Board ID for PLM Applications (LSB)
Modem
Table 6.
Power connections
Pin number
Signal name
Description
Generated by
2
PLM_10V
10V power supply
Modem
4
VDD
3.3V/5V power supply
Modem
6
VDDF
Digital power supply
Modem
22,34
GND
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com