Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0240 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 8Page - STMicroelectronics UM0240 Datasheet HTML 9Page - STMicroelectronics UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics UM0240 Datasheet HTML 12Page - STMicroelectronics UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics UM0240 Datasheet HTML 15Page - STMicroelectronics UM0240 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Microcontroller
UM0240
12/39
3
Microcontroller
3.1
Microcontroller features
The board is based on the ST72F651AR6 USB microcontroller, its mains features are:
●
Up to 8MHz ST7 control unit
●
32 KBytes embedded Flash program memory
●
5 KBytes embedded RAM memory
●
UVLO
●
Up to 47 general purpose IOs with 3 Interrupt sources, two separated IO banks (one
supplied at 5V and one between 2.7V and 5V).
This microcontroller embeds several on-chip peripherals:
●
Programmable watchdog timer/counter
●
Programmable DMA controller (DTC) with 256 bytes dedicated memory
●
Full-speed USB controller with 5 endpoints and a 1280 bytes dedicated memory for
buffers
●
One 16-bit timer with 2 Output Compare units
●
A 10-bit PWM generator with 2 channels
●
A full-duplex SPI peripheral (master / slave)
●
I²C bus interface (single master)
●
8-channels, 8-bit A/D Converter
3.2
RS-232 Interface
The RS-232 interface is emulated by software using:
●
One general purpose IO () as TxD signal
●
One Interrupt source IO () as RxD signal.
●
One Output compare unit to generate the correct timing for transmission and reception.
The firmware implements a half-duplex RS-232 interface, whenever a simultaneous
reading/writing operation occurs the writing operation is aborted and the reading operation
is performed without loss of data.
3.3
Internal time base generation
An internal 1ms time base is generated using one output compare resource and a free
counter. The free counter is then used to generate up to 10 programmable timeout counters
(with 1ms resolution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com