Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0240 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0240
Description  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 13Page - STMicroelectronics UM0240 Datasheet HTML 14Page - STMicroelectronics UM0240 Datasheet HTML 15Page - STMicroelectronics UM0240 Datasheet HTML 16Page - STMicroelectronics UM0240 Datasheet HTML 17Page - STMicroelectronics UM0240 Datasheet HTML 18Page - STMicroelectronics UM0240 Datasheet HTML 19Page - STMicroelectronics UM0240 Datasheet HTML 20Page - STMicroelectronics UM0240 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
UM0240
Interfaces and connectors
17/39
6.2
RS-232 Interface
The RS-232 interface can be used as a communication channel to a PC running control
software. It consists of female connector J10, where only three pins are connected with the
DCE connections:
●
5
→Ground
●
3
→DCE TX
●
2
→DCE RX
So the connection to a PC RS-232 port (DTE) must be done by a direct cable connecting:
●
DTE pin3 to DCE pin 3
●
DTE pin 2 to DCE pin 2
RS-232 signals are obtained and adapted to 5V circuitry by means of the ST232 multi-
channel RS-232 driver and receiver connected to two general purpose IOs (PD7 and PF0).
The microcontroller emulates the RS-232 interface by software.
The ST232 can be powered down, to reduce power consumption when RS232 interface is
not used, by opening jumper J11. In this case, two microcontroller pins (#44 and #52) can
be used as General Purpose IOs (PD7 and PF0).
6.3
Motor control
Communication with Motor Control boards is possible through connector J7. This is a 34-pin
connector providing the following signals, in the EVAL6207N case:
Table 2.
Motor control interface pins
Pin number
Signal name
Description
Generated by
1
VCC_REF
5V Supply Voltage
EVAL6207N
3
SENSE_A
Channel A Sense Voltage
EVAL6207N
7
SENSE_B
Channel B Sense Voltage
EVAL6207N
11
+5V
5V Supply Voltage
MCU
23
Ground
Ground
27
LIMIT_A
Channel A Over Current Flag
EVAL6207N
29
LIMIT_B
Channel B Over Current Flag
EVAL6207N
31
VREFA
Ch A PWM Current Control Ref Voltage
MCU
33
VREFB
Ch B PWM Current Control Ref Voltage
MCU
4
LIMIT_B
Channel A Over Current Flag
EVAL6207N
8
LIMIT_A
Channel B Over Current Flag
EVAL6207N
10
RCA
Ch A RC Monostable Voltage
EVAL6207N
14
ENA
Ch A Enable Signal
MCU
20
IN1
Ch A Input 1
MCU
22
IN4
Ch B Input 2
MCU
26
IN3
Ch B Input 1
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com