Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1955 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 4Page - STMicroelectronics UM1955 Datasheet HTML 5Page - STMicroelectronics UM1955 Datasheet HTML 6Page - STMicroelectronics UM1955 Datasheet HTML 7Page - STMicroelectronics UM1955 Datasheet HTML 8Page - STMicroelectronics UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Current sensing configuration
UM1955
8/28
DocID028405 Rev 1
2.4
Software and measurements
The output voltage of the instrumentation amplifier is connected to pin A2 of the Arduino
UNO R3 connector. The X-CUBE-ANALOG1 software, available on www.st.com, allows
users to measure this voltage.
Note that with this predefined configuration, it is possible to measure up to 2.08 A. If a
higher current is drawn through the application, the operational amplifier will be saturated
and thus its output voltage will not reflect the real current.
The following table shows the correspondence between measured current, output voltage
and LSB on ADC.
Table 1. Output parameter values for current sensing configuration
Current (A)
Output voltage of
operational amplifier
Voltage after divider
bridge (at A4 node)
Number of LSBs with
12-bit ADC
0.1
240 mV
159 mV
197
0.2
480 mV
317 mV
394
0.5
1.20 V
793 mV
985
1.0
2.40 V
1.586 V
1969
1.5
3.60 V
2.380 V
2954
2.0
4.80 V
3.173 V
3938



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com