Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1955 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 20Page - STMicroelectronics UM1955 Datasheet HTML 21Page - STMicroelectronics UM1955 Datasheet HTML 22Page - STMicroelectronics UM1955 Datasheet HTML 23Page - STMicroelectronics UM1955 Datasheet HTML 24Page - STMicroelectronics UM1955 Datasheet HTML 25Page - STMicroelectronics UM1955 Datasheet HTML 26Page - STMicroelectronics UM1955 Datasheet HTML 27Page - STMicroelectronics UM1955 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Bill of material (BOM)
UM1955
24/28
DocID028405 Rev 1
27
1
Q1
NPN transistor
3STR1630
28
4
R1, R2, R3, R4
Resistor
10 k
SMD0603
29
2
R5, R6
Resistor
47 k
SMD0603
30
4
R7, R9, R40,R47
Resistor
1 M
SMD0603
31
10
R11, R12, R13, R14, R15,
R27, R28, R29, R31, R32
Resistor
10 k
SMD0603
32
2
R18, R25
Resistor
100 k
SMD0603
33
3
R19, R20, Rg
Resistor
1 k
SMD0603
34
1
R21
Resistor
33
SMD0603
35
1
R22
Resistor
220 k
SMD0603
36
5
R23, R30, R33, R35, R37
Resistor
20 k
SMD0603
37
1
R24
Resistor
62 k
SMD0603
38
1
R26
Resistor
470 k
SMD0603
39
4
R34, R36, R38, R39
Resistor
39 k
SMD0603
40
2
Rf1, Rf2
Resistor
12 k
SMD0603
41
2
Rg1, Rg2
Resistor
100
SMD0603
42
1
Rs
Resistor
20 M
SMD0805
43
1
TSU104IPT
Operational amplifier
TSU104IPT
TSSOP14
44
1
TSV734IPT
Operational amplifier
TSV734IPT
TSSOP14
45
1
TSZ124IPT
Operational amplifier
TSZ124IPT
TSSOP14
46
1
CN5
2.54 mm pitch (10 pins)
47
2
CN6, CN9
2.54 mm pitch (8 pins)
48
1
CN8
2.54 mm pitch (6 pins)
Table 3. Bill of material (part 1) (continued)
Item
Qty
Ref.
Part / value
Voltage
Watt
Ampere
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com