Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1955 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 6Page - STMicroelectronics UM1955 Datasheet HTML 7Page - STMicroelectronics UM1955 Datasheet HTML 8Page - STMicroelectronics UM1955 Datasheet HTML 9Page - STMicroelectronics UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Full wave rectifier
UM1955
10/28
DocID028405 Rev 1
4
Full wave rectifier
The full wave rectifier configuration allows rectification of an input signal. This means that by
defining a reference voltage with a potentiometer, all signals below it will become positive.
When the voltage goes above the reference, the output voltage will not change.
4.1
Schematic diagram
Figure 5 shows the circuit schematic of the full wave rectifier configuration.
Figure 5. Full wave rectifier configuration circuit schematic
4.2
How to set up the board
The input signal must be connected to the Rect_in pin within the rectifier expansion board
section. Similarly, the output signal is available on the Rect_out pin. The output voltage of
the rectifier structure is not intended to be connected to any microcontroller input on the
board since this configuration is most often connected to another analog block.
4.3
Theoretical output
Thus, we have two formulas to define this configuration:
If Vin < Vref: Vout = 2Vref - Vin
If Vin
≥ V
ref: Vout = Vin
The Vref voltage can be tuned using the P1 potentiometer.
4.4
Measurement example
Input voltage = -1 V
Vref = 0.5 V
Thus, Vout = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com