Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1955 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics UM1955 Datasheet HTML 15Page - STMicroelectronics UM1955 Datasheet HTML 16Page - STMicroelectronics UM1955 Datasheet HTML 17Page - STMicroelectronics UM1955 Datasheet HTML 18Page - STMicroelectronics UM1955 Datasheet HTML 19Page - STMicroelectronics UM1955 Datasheet HTML 20Page - STMicroelectronics UM1955 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID028405 Rev 1
17/28
UM1955
Prototyping area
28
8
Prototyping area
A prototyping area has been implemented in order to perform small additional
configurations.
It allows the user to connect an expansion board, components on input and output, and a
divider bridge for a 5 V to 3.3 V conversion, as shown on the following figure.
Figure 11. Prototyping area
Note also that the supply voltage of the operational amplifier can be either external or based
on the internal 3.3 V. If a high output voltage and thus a higher power supply voltage is
required, it is recommended to place jumper JP3 in the Vext position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com