Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1955 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1955
Description  Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1955 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1955 Datasheet HTML 10Page - STMicroelectronics UM1955 Datasheet HTML 11Page - STMicroelectronics UM1955 Datasheet HTML 12Page - STMicroelectronics UM1955 Datasheet HTML 13Page - STMicroelectronics UM1955 Datasheet HTML 14Page - STMicroelectronics UM1955 Datasheet HTML 15Page - STMicroelectronics UM1955 Datasheet HTML 16Page - STMicroelectronics UM1955 Datasheet HTML 17Page - STMicroelectronics UM1955 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LED driver configuration
UM1955
14/28
DocID028405 Rev 1
6.2
How to set up the board
There is no specific connection to make the application function, but a PWM input signal is
required on pin D3 of the Arduino UNO R3 connector.
One or several external LEDs in parallel can be added in order to drive several LEDs at the
same time. LEDs can be connected to pin LED_A and LED_K on the expansion board.
Moreover, if needed it is possible to disconnect the mounted LED by removing jumper JP1.
Note also that the supply voltage of the LED can be either external or based on the internal
3.3 V. If several LEDs are in parallel or a higher power is needed, it is recommended to
place the Vcc jumper in the Vext position and use an external power supply.
Depending the PWM duty cycle, the LED intensity will vary. For a duty cycle of 5% (5% of
the time at high state), the intensity will be low. On the other hand, for a 70% duty cycle, the
light intensity will be high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com