Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24L Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 6Page - STMicroelectronics LNBH24L Datasheet HTML 7Page - STMicroelectronics LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics LNBH24L Datasheet HTML 10Page - STMicroelectronics LNBH24L Datasheet HTML 11Page - STMicroelectronics LNBH24L Datasheet HTML 12Page - STMicroelectronics LNBH24L Datasheet HTML 13Page - STMicroelectronics LNBH24L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Maximum ratings
LNBH24L
10/25
Doc ID 16857 Rev 2
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
These are stress ratings only and functional operation of the device at these conditions is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to network ground terminal.
Table 3.
Absolute maximum ratings (valid for both sections A/B)
Symbol
Parameter
Value
Unit
VCC-L, VCC DC power supply input voltage pins
-0.3 to 16
V
IOUT
Output current
Internally limited
mA
VoRX
DC output pin voltage
-0.3 to 25
V
VoTX
Tone output pin voltage
-0.3 to 25
V
LX
LX input voltage
-0.3 to 25
V
VUP
DC input voltage
-0.3 to 24
V
VI
Logic input voltage (TTX, SDA, SCL, DSQIN, ADDR pins)
-0.3 to 7
V
VOH
Logic high output voltage (PDC pin)
-0.3 to 7
V
VEXTM
EXTM pin voltage
-0.3 to 2
V
VBYP
Internal reference pin voltage (1)
1.
The BYP pin is intended only to connect an external ceramic capacitor. Any connection of this pin to external current or
voltage sources may cause permanent damage to the device.
-0.3 to 4.6
V
ISEL
Current selection pin voltage
-0.3 to 4.6
V
TSTG
Storage temperature range
-50 to 150
°C
TJ
Junction temperature range
-25 to 150
°C
ESD
ESD rating with human body model (HBM) for all pins unless 4, 21, 22
2
kV
ESD rating with human body model (HBM) for pins 21, 22
4
ESD rating with human body model (HBM) for pin 4
0.6
Table 4.
Operating ratings
Symbol
Parameter
Value
Unit
VCC-L, VCC
DC power supply input voltage pins
8 to 15
V
TJ
Junction temperature range
0 to 125
°C
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient with device soldered
on 2s2p PC board
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com