Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24L Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 16Page - STMicroelectronics LNBH24L Datasheet HTML 17Page - STMicroelectronics LNBH24L Datasheet HTML 18Page - STMicroelectronics LNBH24L Datasheet HTML 19Page - STMicroelectronics LNBH24L Datasheet HTML 20Page - STMicroelectronics LNBH24L Datasheet HTML 21Page - STMicroelectronics LNBH24L Datasheet HTML 22Page - STMicroelectronics LNBH24L Datasheet HTML 23Page - STMicroelectronics LNBH24L Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Electrical characteristics
LNBH24L
20/25
Doc ID 16857 Rev 2
TJ from 0 to 85 °C, VI = 12 V.
Table 11.
Address pins characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
SECTION “A” ADDRESS SELECTION
VADDR-A1
“0001000(R/W)” Address pin
voltage range for section A
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-A2
“0001001(R/W)” Address pin
voltage range for section A
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V
SECTION “B” ADDRESS SELECTION
VADDR-B1
“0001010(R/W)” Address pin
voltage range for section B
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-B2
“0001011(R/W)” Address pin
voltage range for section B
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com