Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24L Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 13Page - STMicroelectronics LNBH24L Datasheet HTML 14Page - STMicroelectronics LNBH24L Datasheet HTML 15Page - STMicroelectronics LNBH24L Datasheet HTML 16Page - STMicroelectronics LNBH24L Datasheet HTML 17Page - STMicroelectronics LNBH24L Datasheet HTML 18Page - STMicroelectronics LNBH24L Datasheet HTML 19Page - STMicroelectronics LNBH24L Datasheet HTML 20Page - STMicroelectronics LNBH24L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LNBH24L
LNBH24 software description
Doc ID 16857 Rev 2
17/25
X = don’t care
Note:
Values are typical unless otherwise specified.
7.5
Power-ON I²C interface reset
The I²C interface built in the LNBH24L is automatically reset at power-on. As long as the
VCC stays below the undervoltage lockout (UVL) threshold (6.7 V), the interface will not
respond to any I²C command and the system registers (SR) are initialized to all zeroes, thus
keeping the power blocks disabled. Once the VCC rises above 7.3 V typ. The I²C interface
becomes operative and the SRs can be configured by the main microprocessor. This is due
to 500 mV of hysteresis provided in the UVL threshold to avoid false re-triggering of the
Power-ON reset circuit.
7.6
Address pins
For each section of the LNBH24L it is possible to select two I²C interface addresses by
means of the relevant ADDR pin. The ADDR pins are TTL compatible and can be set as per
hereafter address pins characteristics see Table 11.
7.7
DiSEqC™ implementation for each section A/B
LNBH24L helps system designer to implement DiSEqC 1.x protocol by allowing an easy
PWK modulation of the 22 kHz carrier through the EXTM and VoTX pins. Full compliance of
the system to the specification is thus not implied by the bare use of the LNBH24L (see
DiSEqC 1.x operation descriptions and typical application circuits).
Table 8.
Register
TEST1
TEST2
TEST3
LLC
VSEL
EN
OTF
OLF
Function
These bits are read
exactly the same as
they were left after
last write operation
0TJ < 135°C, normal operation
1TJ > 150°C, power blocks disabled
0IO < IOMAX, normal operation
1IO > IOMAX, Overload Protection triggered
XX
X
These bits status must be disregarded by the
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com