Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24L Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 15Page - STMicroelectronics LNBH24L Datasheet HTML 16Page - STMicroelectronics LNBH24L Datasheet HTML 17Page - STMicroelectronics LNBH24L Datasheet HTML 18Page - STMicroelectronics LNBH24L Datasheet HTML 19Page - STMicroelectronics LNBH24L Datasheet HTML 20Page - STMicroelectronics LNBH24L Datasheet HTML 21Page - STMicroelectronics LNBH24L Datasheet HTML 22Page - STMicroelectronics LNBH24L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LNBH24L
Electrical characteristics
Doc ID 16857 Rev 2
19/25
TJ from 0 to 85 °C, VI = 12 V.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr, tf
Tone rise or Fall time
DSQIN=HIGH or TEN=1, TTX=1
(using internal generator)
5
8
15
µs
VPDC_OL
PDC pin logic LOW
IPDC = 2 mA
0.3
V
IPDC_OZ
PDC pin leakage current
VPDC = 5 V
1
µA
GEXTM
External modulation Gain
ΔVOUT/ ΔVEXTM, freq. from 10 kHz to
50 kHz
1.8
VEXTM
External modulation input
voltage
EXTM AC coupling (2)
400
mVPP
ZEXTM
External modulation
impedance
2k
Ω
EffDC-DC
DC-DC converter efficiency
IOUT = 500 mA
93
%
FSW
DC-DC converter switching
frequency
220
kHz
VIL
DSQIN,TTX, pin logic low
0.8
V
VIH
DSQIN,TTX, pin logic high
2
V
IIH
DSQIN,TTX, pin input current VIH = 5 V
15
µA
IOBK
Output backward current
EN = 0, VOBK = 21 V
-6
-15
mA
TSHDN
Thermal shut-down threshold
150
°C
ΔT
SHDN
Thermal shut-down
hysteresis
15
°C
1.
Guaranteed by design, but not tested in production
2.
External signal maximum voltage for which the EXTM function is guaranteed
Table 9.
Electrical characteristics of each sections A/B (continued)
Table 10.
I²C electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
LOW Level input voltage
SDA, SCL
0.8
V
VIH
HIGH Level input voltage
SDA, SCL
2
V
IIN
Input current
SDA, SCL, VI = 0.4 to 4.5 V
-10
10
µA
VOL
Low level output voltage
SDA (open drain), IOL = 6 mA
0.6
V
FMAX
Maximum clock frequency
SCL
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com