Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24L Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH24L
Description  Dual LNBS supply and control IC with step-up and I²C interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH24L Datasheet HTML 8Page - STMicroelectronics LNBH24L Datasheet HTML 9Page - STMicroelectronics LNBH24L Datasheet HTML 10Page - STMicroelectronics LNBH24L Datasheet HTML 11Page - STMicroelectronics LNBH24L Datasheet HTML 12Page - STMicroelectronics LNBH24L Datasheet HTML 13Page - STMicroelectronics LNBH24L Datasheet HTML 14Page - STMicroelectronics LNBH24L Datasheet HTML 15Page - STMicroelectronics LNBH24L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Application circuits
LNBH24L
12/25
Doc ID 16857 Rev 2
Equation 2
Figure 5.
LNBH24L with PDC circuit for DiSEqC 1.X applications
D3
L1
Vin
12V
to LNB
500mA max
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
D8
1N4148
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
2KOhm
*R8
150 Ohm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
R9
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
LNBH24L
(sections A/B)
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
C6
2.2µF
C6
C3
C3
C3
D4
D3
L1
Vin
12V
to LNB
500mA max
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
D1
C10
220nF
Vcc-L
Vcc
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
D8
1N4148
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
2KOhm
*R8
150 Ohm
D3
D3
L1
Vin
12V
to LNB
500mA max
D2
D2
PDC
LX
Vup
VoRX
EXTM
C1
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
Vcc-L
Vcc
C8
220nF
Vcc-L
Vcc
C8
220nF
C8
220nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
*R7
22 Ohm
*C14
1nF
*R5
2.2K Ohm
3.3V
*TR1
C15
47 nF
R9
R9
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
LNBH24L
(sections A/B)
I2C Bus
SCL
ADDR
TTX
{
SDA
I2C Bus
SCL
ADDR
TTX
{
SDA
DSQIN
Tone Enable control
TTL
DSQIN
Tone Enable control
TTL
C6
2.2µF
C6
C3
C3
C3
C6
2.2µF
C6
C3
C3
C3
C3
C3
C3
D4
D4
Table 6.
Bill of material (valid for A and B sections unless for C1, C2, C7, C8 and C11)
Component
Notes
R2, R9, R5 (1)
1/16 W resistors. Refer to the typical application circuit for the relative values
R7 (1), R8 (1)
1/2 W resistors. Refer to the typical application circuit for the relative values
C1
25 V electrolytic capacitor, 100 µF or higher is suitable
C3
25 V, 220 µF electrolytic capacitor, ESR in the 100 m
Ω to 350 mΩ range
C6, C8, C10, C11, C15, C14 (1) 25 V ceramic capacitors. Refer to the typ. appl. circuit for the relative values
D1
STPS130A or similar schottky diode with VRRM > 25 V and IF(AV) higher than:
IF(AV) > IOUT_MAX x (VUP_MAX / VIN_MIN)
D2
STPS130A, 1N5818 or similar schottky diode with VRRM>25V. To be placed as
close as possible to VoRX pin
D3
1N4001-07 or any similar general purpose rectifier
D4
BAT54, STPS130A, BAT43, 1N5818, or similar schottky diode with VRRM>20V.
To be placed as close as possible to EXTM pin
D8
1N4148 or similar
TR1 (1)
BC817 or similar NPN general-purpose transistor
L1
22 µH inductor with Isat > Ipeak where Ipeak is the boost converter peak current:
(see Equation 2)
1.
These components can be added to avoid any 22 kHz tone distortion due to heavy capacitive output loads. If not needed
they can be removed leaving the PDC pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com