Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 2Page - STMicroelectronics LNBH25 Datasheet HTML 3Page - STMicroelectronics LNBH25 Datasheet HTML 4Page - STMicroelectronics LNBH25 Datasheet HTML 5Page - STMicroelectronics LNBH25 Datasheet HTML 6Page - STMicroelectronics LNBH25 Datasheet HTML 7Page - STMicroelectronics LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Application information
LNBH25
6/34
Doc ID 022433 Rev 4
Figure 2.
Tone enable and disable timing (using external waveform)
2.3
Data encoding by external DiSEqC envelope control through
the DSQIN pin
If an external DiSEqC envelope source is available, it is possible to use the internal 22 kHz
generator activated during the tone transmission by connecting the DiSEqC envelope
source to the DSQIN pin. In this case the I²C Tone control bits must be set: EXTM = 0 and
TEN = 1. In this way, the internal 22 kHz signal is superimposed to the VOUT DC voltage to
generate the LNB output 22 kHz tone. During the period in which the DSQIN is kept HIGH,
the internal control circuit activates the 22 kHz tone output.
The 22 kHz tone on the VOUT pin is activated with about 6 µs delay from the DSQIN TTL
signal rising edge, and it stops with a delay time in the range from 15 µs to 60 µs after the 22
kHz TTL signal on DSQIN has expired (refer to
Figure 3).
Figure 3.
Tone enable and disable timing (using envelope signal)
2.4
LPM (low power mode)
In order to reduce total power loss, the LNBH25 is provided with the LPM I²C bit that can be
activated (LPM=1) in applications where the 22 kHz tone can be disabled for long time
periods. The LPM bit can be set to “1” when the DiSEqC data transmission is not requested
(no 22 kHz tone output is present); at this condition the drop voltage across the integrated
LDO regulator (VUP-VOUT) is reduced to 0.6 V typ. and, consequently, the power loss inside
the LNBH25 linear regulator is reduced too. For example: at 500 mA load, LPM=1 allowing a
minimum LDO dissipated power of 0.3 W typ. It is recommended to set the LPM bit to “0”
before starting the 22 kHz DiSEqC data transmission; at this condition the drop voltage
across the LDO is kept to 1 V typ. Keep LPM=0 at all times in case the LPM function is not
used.
2.5
DiSEqC 2.0 implementation
The built-in 22 kHz tone detector completes the fully bi-directional DiSEqC 2.0 interfacing.
The input pin (DETIN) must be AC coupled to the DiSEqC BUS, and extracted PWK data is
available on the DSQOUT pin. To comply with the bi-directional DiSEqC 2.0 bus hardware
AM10426v1
~ 1 µs
~ 60 µs
DSQIN
Tone
Output
AM10427v1
~ 6 µs
15 µs ~ 60 µs
DSQIN
Tone
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com