Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 14Page - STMicroelectronics LNBH25 Datasheet HTML 15Page - STMicroelectronics LNBH25 Datasheet HTML 16Page - STMicroelectronics LNBH25 Datasheet HTML 17Page - STMicroelectronics LNBH25 Datasheet HTML 18Page - STMicroelectronics LNBH25 Datasheet HTML 19Page - STMicroelectronics LNBH25 Datasheet HTML 20Page - STMicroelectronics LNBH25 Datasheet HTML 21Page - STMicroelectronics LNBH25 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
I²C interface protocol
LNBH25
18/34
Doc ID 022433 Rev 4
7
I²C interface protocol
7.1
Write mode transmission
The LNBH25 interface protocol comprises:
●
a start condition (S)
●
a chip address byte with the LSB bit R/W = 0
●
a register address (internal address of the first register to be accessed)
●
a sequence of data (byte to write in the addressed internal register + acknowledge)
●
the following bytes, if any, to be written in successive internal registers
●
a stop condition (P). The transfer lasts until a stop bit is encountered
●
the LNBH25, as slave, acknowledges every byte transfer.
Figure 11.
Example of writing procedure starting with first data address 0x2 (a)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, set the values to select the CHIP ADDRESS (see Chip Address in
Table 16 for pin
selection) and to select the REGISTER Address (see
Table 7).
a.
The writing procedure can start from any Register Address by simply setting the X values in the Register
Address byte (after the Chip Address). It can be also stopped from the master by sending a stop condition after
any acknowledge bit.
AM09913v2
S
XX
00
X
00
0
X
0
0
1
0
0
0
S
XX
00
X
00
0
X
0
1
0
0
0
MSB
LSB
CHIP ADDRESS
MSB
LSB
REGISTER ADDRESS
MSB
LSB
CHIP ADDRESS
MSB
LSB
REGISTER ADDRESS
P
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com