Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 4Page - STMicroelectronics LNBH25 Datasheet HTML 5Page - STMicroelectronics LNBH25 Datasheet HTML 6Page - STMicroelectronics LNBH25 Datasheet HTML 7Page - STMicroelectronics LNBH25 Datasheet HTML 8Page - STMicroelectronics LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics LNBH25 Datasheet HTML 11Page - STMicroelectronics LNBH25 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Application information
LNBH25
8/34
Doc ID 022433 Rev 4
2.9
Surge protections and TVS diodes
The LNBH25 device is directly connected to the antenna cable in a set-top box. Atmospheric
phenomenon can cause high voltage discharges on the antenna cable causing damage to
the attached devices. Surge pulses occur due to direct or indirect lightning strikes to an
external (outdoor) circuit. This leads to currents or electromagnetic fields causing high
voltage or current transients. Transient voltage suppressor (TVS) devices are usually
placed, as shown in the following schematic, to protect the STB output circuits where the
LNBH25 and other devices are electrically connected to the antenna cable.
Figure 4.
Surge protection circuit
For this purpose we recommend the use of LNBTVSxx surge protection diodes specifically
designed by ST. The selection of LNBTVS diodes should be made based on the maximum
peak power dissipation that the diode is capable of supporting (see Ppp (W) parameter in
the LNBTVS datasheet for further details).
2.10
FLT: fault flag
In order to get an immediate feedback on diagnostic status, LNBH25 is equipped with a
dedicated fault flag pin (FLT). In the case of overload (OLF bit=1) or overheating (OTF bit=1)
or if Power No Good (PNG bit=1) condition is detected, the FLT pin (open drain output) is set
to low and is kept low until the relevant activating diagnostic bit is cleared. Be aware that
diagnostic bits OLF, OTF and PNG, once activated, are kept latched to “1” until the cause
origin is removed and a new register reading operation is performed by the microprocessor.
The FLT pin must be connected to a positive voltage (5 V max.) by means of a pull-up
resistor.
2.11
VMON: output voltage diagnostic
When device output voltage is activated (VOUT pin), its value is internally monitored and, as
long as the output voltage level is below the guaranteed limits, the VMON I²C bit is set to “1”.
See
Table 17 for more details.
2.12
TMON: 22 kHz tone diagnostic
The 22 kHz tone can be internally detected and monitored if the DETIN pin is connected to
the LNB output bus (see typical application circuit in
Figure 7) through a decoupling
capacitor.
The tone diagnostic function is provided with the TMON I²C bit. If the 22 kHz tone amplitude
and/or the tone frequency is out of the guaranteed limits (see
Table 19), the TMON I²C bit is
set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com