Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH25 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH25
Description  Selectable output current limit by external resistor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH25 Datasheet HTML 9Page - STMicroelectronics LNBH25 Datasheet HTML 10Page - STMicroelectronics LNBH25 Datasheet HTML 11Page - STMicroelectronics LNBH25 Datasheet HTML 12Page - STMicroelectronics LNBH25 Datasheet HTML 13Page - STMicroelectronics LNBH25 Datasheet HTML 14Page - STMicroelectronics LNBH25 Datasheet HTML 15Page - STMicroelectronics LNBH25 Datasheet HTML 16Page - STMicroelectronics LNBH25 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LNBH25
Maximum ratings
Doc ID 022433 Rev 4
13/34
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
These are stress ratings only and functional operation of the device at these conditions is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to network ground terminal.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC power supply input voltage pins
-0.3 to 20
V
VUP
DC input voltage
-0.3 to 40
V
IOUT
Output current
Internally limited
mA
VOUT
DC output pin voltage
-0.3 to 40
V
VI
Logic input pins voltage (SDA, SCL, DSQIN, ADDR pins)
-0.3 to 7
V
VO
Logic output pins voltage (FLT, DSQOUT)
-0.3 to 7
V
VBPSW
BPSW pin voltage
-0.3 to 40
V
VDETIN
Detector input signal amplitude
-0.6 to 2
V
IO
Logic output pins current (FLT, DSQOUT, BPSW)
10
mA
LX
LX input voltage
-0.3 to 30
V
VBYP
Internal reference pin voltage
-0.3 to 4.6
V
ISEL
Current selection pin voltage
-0.3 to 3.5
V
TSTG
Storage temperature range
-50 to 150
°C
TJ
Operating junction temperature range
-25 to 125
°C
ESD
ESD rating with human body model (HBM) all pins, unless power output
pins
2
kV
ESD rating with human body model (HBM) for power output pins
4
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient with device soldered on 2s2p 4-
layer PCB provided with thermal vias below exposed pad.
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com