Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 109 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 105Page - STMicroelectronics LQFP144 Datasheet HTML 106Page - STMicroelectronics LQFP144 Datasheet HTML 107Page - STMicroelectronics LQFP144 Datasheet HTML 108Page - STMicroelectronics LQFP144 Datasheet HTML 109Page - STMicroelectronics LQFP144 Datasheet HTML 110Page - STMicroelectronics LQFP144 Datasheet HTML 111Page - STMicroelectronics LQFP144 Datasheet HTML 112Page - STMicroelectronics LQFP144 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 116 page
background image
DocID14619 Rev 13
109/116
SPC560B40x/50x, SPC560C40x/50x
Revision history
115
06-Mar-2009
2
(continued)
Updated tables:
– “I/O input DC electrical characteristics”
– “I/O pull-up/pull-down DC electrical characteristics”
– “SLOW configuration output buffer electrical characteristics”
– “MEDIUM configuration output buffer electrical characteristics”
– “FAST configuration output buffer electrical characteristics”
Added “Output pin transition times” section
Updated “I/O consumption” table
Updated “Start-up reset requirements” figure
Updated “Reset electrical characteristics” table
“Voltage regulator electrical characteristics” section:
– Amended description of LV_PLL
“Voltage regulator capacitance connection” figure:
– Exchanged position of symbols CDEC1 and CDEC2
Updated tables”
– “Voltage regulator electrical characteristics”
– “Low voltage monitor electrical characteristics”
– “Low voltage power domain electrical characteristics”
Added “Low voltage monitor vs reset” figure
Updated “Flash memory electrical characteristics” section
Added “Electromagnetic compatibility (EMC) characteristics” section
Updated “Fast external crystal oscillator (4 to 16 MHz) electrical characteristics”
section
Updated “Slow external crystal oscillator (32 kHz) electrical characteristics” section
Updated tables:
– “FMPLL electrical characteristics”
– “Fast internal RC oscillator (16 MHz) electrical characteristics”
– “Slow internal RC oscillator (128 kHz) electrical characteristics”
Added “On-chip peripherals” section
Added “ADC input leakage current” table
Updated “ADC conversion characteristics” table
Updated “ECOPACK®” section
Corrected inverted column headings for typical and minimum dimensions in “LQFP64
mechanical data” and “LQFP100 mechanical data” tables
Added “Abbrevation” appendix
03-Jun-2009
3
Corrected “Commercial product code structure” figure
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com