Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 112 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 108Page - STMicroelectronics LQFP144 Datasheet HTML 109Page - STMicroelectronics LQFP144 Datasheet HTML 110Page - STMicroelectronics LQFP144 Datasheet HTML 111Page - STMicroelectronics LQFP144 Datasheet HTML 112Page - STMicroelectronics LQFP144 Datasheet HTML 113Page - STMicroelectronics LQFP144 Datasheet HTML 114Page - STMicroelectronics LQFP144 Datasheet HTML 115Page - STMicroelectronics LQFP144 Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 112 / 116 page
background image
Revision history
SPC560B40x/50x, SPC560C40x/50x
112/116
DocID14619 Rev 13
22-Jul-2010
7
Changes between revisions 5 and 7
Added LQFP64 package information
Updated the “Features“ section.
Section “Introduction”
– Relocated a note
Table: “SPC560B40x/50x and SPC560C40x/50x device comparison“
– Added footnote regarding SCI and CAN
Added eDMA block in the “SPC560B40x/50x and SPC560C40x/50x series block
diagram” figure
Removed alternate function information from “LQFP 100-pin configuration” and
“LQFP 100-pin configuration” figures.
Added “Functional port pin descriptions” table
Deleted the “NVUSRO[WATCHDOG_EN] field description“ section
Table: “Absolute maximum ratings“
– Removed the min value of VIN relative tio VDD
Table ”Recommended operating conditions (3.3 V)”
–TVDD: made single row
”Recommended operating conditions (5.0 V)”
– deleted TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ
M-Grade Part rows
Table: “LQFP thermal characteristics”
– Added more rows
– Rounded the values
Removed table “LBGA208 thermal characteristics”
Table “I/O input DC electrical characteristics”
–WFI: insered a footnote
–WNFI: insered a footnote
Table “I/O consuption“
– Removed IDYNSEG row
– Added “I/O weight “ table
Replaced “nRSTIN” with “RESET” in the “RESET electrical characteristics” section.
Table “Voltage regulator electrical characteristics“
– Updated the values
– Removed IVREGREF and IVREDLVD12
– Added a note about IDD_BC
Table: “Low voltage monitor electrical characteristics“
– changed min valueVLVDHV3L, from 2.7 to 2.6
– Inserted max value of VLVDLVCORL
– Updated VPORH values
– Updated VLVDLVCORL value
Table “Low voltage power domain electrical characteristics“
– Entirely updated
Table “Program and erase specifications“
– Inserted Teslat row
Table “Flash power supply DC electrical characteristics“
– Entirely updated
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com