Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 113 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 108Page - STMicroelectronics LQFP144 Datasheet HTML 109Page - STMicroelectronics LQFP144 Datasheet HTML 110Page - STMicroelectronics LQFP144 Datasheet HTML 111Page - STMicroelectronics LQFP144 Datasheet HTML 112Page - STMicroelectronics LQFP144 Datasheet HTML 113Page - STMicroelectronics LQFP144 Datasheet HTML 114Page - STMicroelectronics LQFP144 Datasheet HTML 115Page - STMicroelectronics LQFP144 Datasheet HTML 116Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
DocID14619 Rev 13
113/116
SPC560B40x/50x, SPC560C40x/50x
Revision history
115
22-Jul-2010
7
(continued)
Table “Start-up time/Switch-off time“
– Entirely updated
Figures “Crystal oscillator and resonator connection scheme“
– Relocated a note
Table ”Slow external crystal oscillator (32 kHz) electrical characteristics”
– Removed gmSXOSC row
– Inserted values of ISXOSCBIAS
Table ”FMPLL electrical characteristics”
– Rounded the values of fVCO
Table “Fast internal RC oscillator (16 MHz) electrical characteristics“
– Entirely updated.
Table “ADC conversion characteristics”
– Updated the description of the conditions of tADC_PU and tADC_S.
– Added “IADCPWD” and “IADCRUN” rows
Table “DSPI characteristics“
– Entirely updated.
Updated “Order codes” table.
Figure “Commercial product code structure”
– Replaced PowerPC with “Power Architecture™“ in the product identifier
– Removed the note about the condition from “Flash read access timing“ table
– Removed the notes that assert the values need to be confirmed before validation
– Exchanged the order of “LQFP 100-pin configuration” and “LQFP 144-pin
configuration”
– Exchanged the order of “LQFP 100-pin package mechanical drawing” and “LQFP
144-pin package mechanical drawing”
25-Nov-2010
8
Editorial changes and improvements.
In the “SPC560B40x/50x and SPC560C40x/50x device comparison” table, changed
the temperature value from 105 to 125 °C, in the footnote regarding “Execution
speed”.
In the “LQFP thermal characteristics” table, added values concerning LQFP64
package.
In the “MEDIUM configuration output buffer electrical characteristics” table: fixed a typo
in last row of conditions column, there was IOH that now is IOL.
In the “Reset electrical characteristics” table, changed the parameter classification tag
for VOL and |IWPU|.
In the “Low voltage monitor electrical characteristics” table, changed the max value of
VLVDLVCORL from 1.5V to 1.15V.
In the “Program and erase specifications” table, replaced “Teslat” with “Tesus”.
In the “FMPLL electrical characteristics” table, changed the parameter classification
tag for fVCO.
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com